Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1282 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1282
Description  110 MHz RGB Video Amplifier System with On Screen Display (OSD)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1282 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1282 Datasheet HTML 6Page - National Semiconductor (TI) LM1282 Datasheet HTML 7Page - National Semiconductor (TI) LM1282 Datasheet HTML 8Page - National Semiconductor (TI) LM1282 Datasheet HTML 9Page - National Semiconductor (TI) LM1282 Datasheet HTML 10Page - National Semiconductor (TI) LM1282 Datasheet HTML 11Page - National Semiconductor (TI) LM1282 Datasheet HTML 12Page - National Semiconductor (TI) LM1282 Datasheet HTML 13Page - National Semiconductor (TI) LM1282 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Pin Descriptions
Pin
Pin
Schematic
Description
No.
Name
1
2
3
Red OSD Input
Green OSD Input
Blue OSD Input
These inputs accept standard TTL inputs. Each color is either
fully on (logic high) or fully off (logic low). Connect unused
pins to ground with a 47k resistor.
4
Video/OSD Switch
This input accepts a standard TTL input.
H = OSD
L = Video
Connect to ground with a 47k resistor when not using OSD.
5
8
11
Red Video In
Green Video In
Blue Video In
Video inputs. These inputs must be AC Coupled with a
minimum of a 1 µF cap, 10 µF is perferred. DC restoration is
done at these inputs. A series resistor of about 33
Ω should
also be used.
6
9
V
CC1
Power supply pins (excluding output stage)
7
10
21
Ground
Ground pins. All grounds are internally connected and must
also be connected on the PCB.
12
V
REF
Pin used for additional filter capacitor to internal reference.
The voltage at this pin is 2.0V.
13
14
26
27
28
Video Contrast
OSD Contrast
Blue Drive
Green Drive
Red Drive
Contrast control pins:
4V — no attenuation
0V — over 60 dB attenuation
Drive control pins:
4V — no attenuation
0V — 12 dB attenuation
15
16
Clamp Gate
Blank Gate
Both pins accept TTL inputs and are active low. The clamp
gate provides DC restoration of the video signal. The blank
gate forces the video outputs to below 200 mV.
17
19
24
Blue Clamp Cap
Green Clamp Cap
Red Clamp Cap
The external clamp cap is charged and discharged to the
correction voltage needed for DC restoration. 0.1 µF is the
recommended value.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com