Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75 Datasheet(PDF) 1 Page - Hirose Electric

Part # PL75
Description  Ultra- Miniature Push-on Lock Coaxial Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PL75 Datasheet(HTML) 1 Page - Hirose Electric

  PL75 Datasheet HTML 1Page - Hirose Electric PL75 Datasheet HTML 2Page - Hirose Electric PL75 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2008.3
75ø
ø Ultra- Miniature Push-on Lock Coaxial Connectors
PL75 Series
NEW
PL75 and PL71 Size Comparison
■Features
1.Further reduction in size
Reflecting the need for smaller devices, the size is
reduced by approximately 30% when compared with the
PL71 Series 75 Ohm connectors.
2.Secure lock
Unique design of the lock/release, protected by outer
shell, assures reliable and stable electrical and
mechanical connection.
3.High degree of impedance matching
V.S.W.R of 1.3 max for frequencies of DC to 1.5 GHz.
4. RoHS compliant
All components and materials comply with the
requirements of EU Directive 2002/95/EC.
■Applications
Satellite digital networks, CATV, broadcasting
equipment,
visual
equipment
and
other
applications requiring highly reliable coaxial cable
connections.
9
4.5
13
Ø4.8
Ø6.5
14.9
9.2
14.4
5
6.7
Ø0.7
Ø0.7
●Right-angle receptacles
[PL75]
●Right-angle plugs
[PL75]
[PL71]
[PL71]
■Mating Chart
Plugs
Receptacle
■Straight
PL75-P-1.5CV
■Right-angle
PL75-LP-1.5CV
PL75-LP-1.5CW
■Right-angle
PL75-LR-PC
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PL75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL75-29 ETC2-PL75-29 Datasheet
1Mb / 1P
PL75/T/U/V/W/X/Y/Z/S/BR
logo
Emerson Network Power
PL75-47 EMERSON-NETWORKPOWER-PL75-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
logo
List of Unclassifed Man...
PL75-47 ETC-PL75-47 Datasheet
2Mb / 141P
RF interconnect products
logo
Emerson Network Power
PL75-47 EMERSON-NETWORKPOWER-PL75-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
PL75-60 EMERSON-NETWORKPOWER-PL75-60 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
More results

Similar Description - PL75

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
HR34B-12WPA-10S-X HIROSE-HR34B-12WPA-10S-X Datasheet
496Kb / 10P
Push-on Bayonet Lock Miniature Waterproof Connector
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
Low Profile Push-On Coaxial Connectors
logo
Hirose Electric
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
DDK Ltd.
MCX-LP-1.5DHQS-CR1-1 DDK-MCX-LP-1.5DHQS-CR1-1 Datasheet
568Kb / 2P
Low Profile Push-On Coaxial Connectors
logo
Hirose Electric
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
Small, Waterproof, Push-On Bayonet Lock Connectors
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
Push-on Bayonet Lock Miniature Waterproof Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com