Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75 Datasheet(PDF) 2 Page - Hirose Electric

Part # PL75
Description  Ultra- Miniature Push-on Lock Coaxial Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PL75 Datasheet(HTML) 2 Page - Hirose Electric

  PL75 Datasheet HTML 1Page - Hirose Electric PL75 Datasheet HTML 2Page - Hirose Electric PL75 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PL75 Series
●75ø
ø Ultra- Miniature Push-on Lock Coaxial Connectors
* V.S.W.R. Measurement System
The above V.S.W.R. standard values were measured using the measurement system shown below.
Note 1: Cable connectors were measured with PL75 and
BNC(75) connectors connected with 10cm long coaxial cable.
Network Analyzer
Test Port Cable
D.U.T
2
■Specifications
Item
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Center contact retention force
5. V.S.W.R. *
6. Vibration
7.Moisture resistance
8. Temperature cycle
9. Durability
10. Salt spray
Specification
Conditions
Center contact : 15 mø max.
Outer shell: 6 mø max.
Insulation resistance: 10 Mø min. (high humidity)
Insulation resistance: 1,000 Mø min. (dry)
No damage, cracks, or parts dislocation
Contact resistance Center contact : 19 mø max.
Outer shell
: 10 mø max.
No damage, cracks, or parts dislocation
Contact resistance: Center contact : 19 mø max.
Outer shell
: 10 mø max.
No damage, cracks, or parts dislocation
No corrosion
No electrical discontinuity of 1 μs or longer
No damage, cracks, or parts dislocation
0.2 N min.
1.3max.
1,000 Mø min.
No flashover or insulation breakdown
250 V DC
250 V AC / 1 minute
100 mA max.
Measured with 0.3 mm diameter pin gauge
DC to 1.5GHz
Frequency: 10 to 500 Hz, single amplitude of 0.75 mm,
acceleration of 98m/s2, 2 hours in each of the 3 axis
Temperature:-30ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time: 30 min.
➝ 5 min.max. ➝ 30 min.➝ 5 min.max.
5 cycles
500 cycles
5% salt water solution, 48 hours
96 hours at +40ç and humidity of 90% to 95%
Ratings
Nominal characteristic impedance: 75ø
Frequency range
: DC to 1.5 GHz
Operating temperature range:-30°C to +85°C
Operating humidity
: RH 95% max.
■Materials / Finishes
Part
Shell
Male center contact
Female center contact
Insulator
Crimp sleeve
●Plugs
●Receptacle
Material
Brass
Phosphor bronze
Beryllium copper
PTFE
Brass
Finish
Gold plated
Gold plated
Gold plated
---------------
Nickelplated
Part
Shell
Male center contact
Female center contact
Insulator
Material
Brass
Phosphor bronze
Beryllium copper
PTFE
Finish
Gold plated
Gold plated
Gold plated
---------------
■Ordering information
--
PL75
3
2
1
Series name
:PL75
Connector type
P
:Straight plug
LP
:Right-angle plug
LR
:Right-angle plug receptacle
Applicable cable (plug) or board mounting (receptacle) style
1.5CV
:1.5CCA-EXBV(LF)
1.5CW
:1.5C-QEW.CW
PC
:DIP mounting
1
2
3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com