Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C669 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89C669
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89C669 Datasheet HTML 4Page - NXP Semiconductors P89C669 Datasheet HTML 5Page - NXP Semiconductors P89C669 Datasheet HTML 6Page - NXP Semiconductors P89C669 Datasheet HTML 7Page - NXP Semiconductors P89C669 Datasheet HTML 8Page - NXP Semiconductors P89C669 Datasheet HTML 9Page - NXP Semiconductors P89C669 Datasheet HTML 10Page - NXP Semiconductors P89C669 Datasheet HTML 11Page - NXP Semiconductors P89C669 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Philips Semiconductors
P89C669
80C51 8-bit microcontroller family with extended memory
Product data
Rev. 02 — 13 November 2003
8 of 33
9397 750 12299
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.2 Pin description
Table 3:
Pin description
Symbol
Pin
Type
Description
PLCC
LQFP
P0.0 - P0.7
43 - 36
30 - 37
I/O
Port 0: Port 0 is an open drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also
the multiplexed low-order address and data bus during accesses to external
program and data memory. In this application, it uses strong internal pull-ups
when emitting 1s.
P1.0 - P1.7
2 - 9
1 - 3,
40-44
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins.
Port 1 pins that have 1s written to them are pulled HIGH by the internal pull-ups
and can be used as inputs. As inputs, Port 1 pins that are externally pulled LOW
will source current because of the internal pull-ups.
2
40
I/O
• P1.0, T2
– Timer/Counter 2 external count input/Clock out
341
I
• P1.1, T2EX
– Timer/Counter 2 Reload/Capture/Direction Control
442
I
• P1.2, ECI
– External Clock Input to the PCA
5
43
I/O
• P1.3, CEX0
– Capture/Compare External I/O for PCA module 0
6
44
I/O
• P1.4, CEX1
– Capture/Compare External I/O for PCA module 1 (with pull-up on pin)
7
1
I/O
• P1.5, CEX2
– Capture/Compare External I/O for PCA module 2 (with pull-up on pin)
8
2
I/O
• P1.6, SCL
– I2C serial clock (when I2C is used, this pin is open-drain and requires
external pull-up due to I2C-bus specification)
9
3
I/O
• P1.7, SDA
– I2C serial data (when I2C is used, this pin is open-drain and requires
external pull-up due to I2C-bus specification)
P2.0 - P2.7
24 - 31
18 - 25
I/O
Port 2: Port 2 is a 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins
that have 1s written to them are pulled HIGH by the internal pull-ups and can be
used as inputs. As inputs, port 2 pins that are externally being pulled LOW will
source current because of the internal pull-ups. (See Section 9 “Static
characteristics”,IIL). Port 2 emits the high-order address byte during fetches from
external program memory and during accesses to external data memory that
use 16-bit addresses (MOVX @ DPTR) or 23-bit addresses (MOVX @EPTR,
EMOV). In this application, it uses strong internal pull-ups when emitting 1s.
During accesses to external data memory that use 8-bit addresses (MOV @ Ri),
port 2 emits the contents of the P2 Special Function Register.
Note that when 23-bit address is used, address bits A16-A22 will be outputted to
P2.0-P2.6 when ALE is HIGH, and address bits A8-A14 are outputted to
P2.0-P2.6 when ALE is LOW. Address bit A15 is outputted on P2.7 regardless of
ALE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com