Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C669 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89C669
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89C669 Datasheet HTML 17Page - NXP Semiconductors P89C669 Datasheet HTML 18Page - NXP Semiconductors P89C669 Datasheet HTML 19Page - NXP Semiconductors P89C669 Datasheet HTML 20Page - NXP Semiconductors P89C669 Datasheet HTML 21Page - NXP Semiconductors P89C669 Datasheet HTML 22Page - NXP Semiconductors P89C669 Datasheet HTML 23Page - NXP Semiconductors P89C669 Datasheet HTML 24Page - NXP Semiconductors P89C669 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Philips Semiconductors
P89C669
80C51 8-bit microcontroller family with extended memory
Product data
Rev. 02 — 13 November 2003
21 of 33
9397 750 12299
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
[3]
Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to
Port 0 drivers.
[4]
Parts are tested down to 2 MHz, but are guaranteed to operate down to 0 Hz.
10.1 Explanation of AC symbols
Each timing symbol has five characters. The first character is always ‘t’ ( = time). The
other characters, depending on their positions, indicate the name of a signal or the
logical status of that signal. The designations are:
A — Address
C — Clock
D — Input data
H — Logic level HIGH
I — Instruction (program memory contents)
L — Logic level LOW, or ALE
P — PSEN
Q — Output data
R — RD signal
t — Time
V — Valid
W — WR signal
X — No longer a valid logic level
Z — Float
Table 10:
I2C-bus interface characteristics
Symbol
Parameter
Conditions
Input
Output
tHD;STA
START condition hold time
≥ 7t
CLCL
> 4.0
µs
tLOW
SCL LOW time
≥ 8t
CLCL
> 4.7
µs
tHIGH
SCL HIGH time
≥ 7t
CLCL
> 4.0
µs
tRC
SCL rise time
≤ 1 µs-
tFC
SCL fall time
≤ 0.3 µs
< 0.3
µs
tSU;DAT1
Data set-up time
≥ 250 ns
> 10tCLCL − tRD
tSU;DAT2
SDA set-up time
before repeated START
condition
≥ 250 ns
> 1
µs
tSU;DAT3
SDA set-up time
before STOP condition
≥ 250 ns
> 4tCLCL
tHD;DAT
Data hold time
≥ 0ns
> 4tCLCL - tFC
tSU;STA
Repeated START set-up
time
≥ 7t
CLCL
> 4.7
µs
tSU;STO
STOP condition set-up time
≥ 7tCLCL
> 4.0
µs
tBUF
Bus free time
≥ 7tCLCL
> 4.7
µs
tRD
SDA rise time
≤ 1 µs-
tFD
SDA fall time
≤ 300 ns
< 0.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com