Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102BL Datasheet(PDF) 2 Page - STMicroelectronics

Part # P0102BL
Description  0.25A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102BL Datasheet(HTML) 2 Page - STMicroelectronics

  P0102BL Datasheet HTML 1Page - STMicroelectronics P0102BL Datasheet HTML 2Page - STMicroelectronics P0102BL Datasheet HTML 3Page - STMicroelectronics P0102BL Datasheet HTML 4Page - STMicroelectronics P0102BL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P0102BL
2/5
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
PRODUCT SELECTOR
ORDERING INFORMATION
OTHER INFORMATION
Symbol
Test Conditions
P0102BL
Unit
IGT
VD = 12 V
RL = 140 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM
RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8
V
IH
IT = 50 mA
RGK = 1kΩ
MAX.
6
mA
IL
IG = 1 mA
RGK = 1kΩ
MAX.
7
mA
dV/dt
VD = 67 % VDRM
RGK = 1kΩ
Tj = 125°C
MIN.
200
V/µs
VTM
ITM = 0.4 A
tp = 380 µs
Tj = 25°C
MAX.
1.7
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
1.0
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
1000
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
1
µA
Tj = 125°C
100
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (mounted on FR4 with recommended pad layout)
400
°C/W
Part Number
Voltage
Sensitivity
Package
P0102BL
200 V
200 µA
SOT-23
Part Number
Marking
Weight
Base quantity
Packing mode
P0102BL
P2B
0.01 g
3000
Tape & reel
P 01 02 B L
5AA4
Blank
SENSITIVE
SCR
SERIES
CURRENT: 0.25A
SENSITIVITY:
02: 200µA
VOLTAGE:
B: 200V
PACKAGE:
L: SOT-23
PACKING MODE:
Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com