Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102BL Datasheet(PDF) 3 Page - STMicroelectronics

Part # P0102BL
Description  0.25A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102BL Datasheet(HTML) 3 Page - STMicroelectronics

  P0102BL Datasheet HTML 1Page - STMicroelectronics P0102BL Datasheet HTML 2Page - STMicroelectronics P0102BL Datasheet HTML 3Page - STMicroelectronics P0102BL Datasheet HTML 4Page - STMicroelectronics P0102BL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P0102BL
3/5
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2: Average and D.C. on-state current versus
ambient temperature.
Fig. 3: Relative variation of thermal impedance
junction to ambient versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5:
Relative variation of holding current
versus gate-cathode resistance (typical values).
Fig. 6: Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
P(W)
360 °
α
α = 180 °
IT(av)(A)
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0.30
IT(av)(A)
α = 180°
D.C
Tamb(°C)
1E-2
1E-1
1E+0
1E+1
1E+2
0.01
0.10
1.00
K=[Zth(j-a)/Rth(j-a)]
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
IGT, IH, IL[Tj] / IGT , IH, IL[Tj = 25 °C]
IH & IL
(Rgk = 1k
Ω)
IGT
Tj(°C)
IH[Rgk] / IH[Rgk = 1k ]
Ω
Rgk(k
Ω)
20
18
16
14
12
10
8
6
4
2
0
1E-2
1E-1
1E+0
1E+1
dV/dt[Rgk] / dV/dt[Rgk = 1k ]
Ω
Rgk(k
Ω)
10.0
1.0
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com