Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS312D Datasheet(PDF) 1 Page - Copal Electronics

Part # HLS312D
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLS312D Datasheet(HTML) 1 Page - Copal Electronics

  HLS312D Datasheet HTML 1Page - Copal Electronics HLS312D Datasheet HTML 2Page - Copal Electronics HLS312D Datasheet HTML 3Page - Copal Electronics HLS312D Datasheet HTML 4Page - Copal Electronics HLS312D Datasheet HTML 5Page - Copal Electronics HLS312D Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OFF ー
ON
ON
ー  ON
Terminal style
K
N
A
D
1 pole
1 pole/
3 poles
2 poles
8A
12A
2 poles
3 poles
Series code
Current
Series code
Number of poles
Switching function
Actuator shape
Numberof poles
1
2
3
HLA
HLC
HLS
08
12
Fig.
Fig.
Note: For the overseas standards, see page 325.
Code
Switching function
Current
Terminal styles
None
12
Fig.
Solder Terminal
TAB:#187
(t=0.5)
HLA
  1  12  A  12
HLA
・HLC・HLS
Miniature Rocker Switches
■Features
Economical prices are achieved through out-and-out VA and
silver-saving design. Contact stability and high reliability are
ensured thanks to the adoption of the seesaw type sliding
JVU[HJ[ TLJOHUPZT WH[LU[LK ZLL [OL ÄN\YL ILSV^ HUK [OL
switch are usable for a wide range of current capacity from
1 mA to 12 A. In addition, the self-extinguishing phenol resin
(UL94V-0) is used for the housing material, thereby ensuring
excellent insulation and surge resistance. All models (excluding
HLS308A) are UL and CSA approved for high reliability.
● -VY [OL KL[HPSLK ZWLJPÄJH[PVUZ ZLL *VTTVU :WLJPÄJH[PVUZ
on page 632.
■Seesaw Type Sliding Mechanism (Patented)
The movable contact moves from (A) to (B) as it wipes the
contact surface and, at (B) and (C), the switching feel can be
obtained due to the seesaw effect on the common terminal
(2). Then, the movable contact moves from (C) to (D) as it
wipes the contact surface and, at the point (D), the common
terminal (2) and the terminal (3) are turned ON.
RoHS Compliant
CSA
UL
■Terminal Styles
1 pole
2 poles
TAB
#187
Style :
−
Solder Terminal
Style : 12
TAB
#187
Style :
−
Solder Terminal
Style : 12
■Part Numbering


Similar Part No. - HLS312D

ManufacturerPart #DatasheetDescription
logo
Power-One
HLS30ZD POWER-ONE-HLS30ZD Datasheet
650Kb / 8P
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
HLS30ZE POWER-ONE-HLS30ZE Datasheet
650Kb / 8P
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Schneider Electric
HLS36000S15 SCHNEIDER-HLS36000S15 Datasheet
56Kb / 2P
PowerPact Automatic Molded Case Switch, 600V, 150A,3P H-Frame
Jul 27, 2020
logo
PANDUIT CORP.
HLS3S-X0 PANDUIT-HLS3S-X0 Datasheet
715Kb / 4P
Hook and Loop Cable Ties
More results

Similar Description - HLS312D

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
Miniature Power Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com