Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001U Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA2001U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2001U Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA2001U Datasheet HTML 9Page - NXP Semiconductors PCA2001U Datasheet HTML 10Page - NXP Semiconductors PCA2001U Datasheet HTML 11Page - NXP Semiconductors PCA2001U Datasheet HTML 12Page - NXP Semiconductors PCA2001U Datasheet HTML 13Page - NXP Semiconductors PCA2001U Datasheet HTML 14Page - NXP Semiconductors PCA2001U Datasheet HTML 15Page - NXP Semiconductors PCA2001U Datasheet HTML 16Page - NXP Semiconductors PCA2001U Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2003 Dec 17
13
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. For writing to the OTP cells, the supply voltage VDD can be raised to a maximum of 12 V for a period of 1 second.
2. Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows,
which rapidly discharges the battery.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However to be totally safe, it is
advised to undertake handling precautions appropriate to handling MOS devices. Advice can be found in
“Data handbook IC16: General; handling MOS devices”.
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; quartz crystal: RS =40kΩ,C1 = 2 to 3 fF, CL = 8.2 pF; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
VSS = 0 V; notes 1 and 2
−1.8
+7.0
V
Vi
all input voltages
VSS − 0.5
VDD + 0.5
V
Tamb
ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C
to(sc)
output short-circuit duration
indefinite
s
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
normal operating mode;
Tamb = −10 to +60 °C
1.10
1.55
3.60
V
∆VDD
supply voltage variation
∆V/∆t=1V/µs
−−
0.25
V
IDD
supply current
between motor pulses
−
90
120
nA
between motor pulses at VDD = 3.5 V
−
120
180
nA
Tamb = −10 to +60 °C
−−
200
nA
stop mode; pad RESET connected to VDD
−
100
135
nA
Motor output
Vsat
saturation voltage
RM =2kΩ; Tamb = −10 to +60 °C; note 1
−
150
200
mV
Zsc
short-circuit impedance
between motor pulses; Imotor <1mA
−
200
300
Ω
Oscillator
Vstart
starting voltage
1.1
−−
V
gm
transconductance
VOSCIN ≤ 50 mV (p-p)
5
10
−µS
tosc
start-up time
−
0.3
0.9
s
∆f/f
frequency stability
∆VDD = 100 mV
−
0.05
0.20
ppm
Cint
integrated load capacitance
4.3
5.2
6.3
pF
Rpar
parasitic resistance
allowed resistance between adjacent pads 20
−−
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com