Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA2001U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2001U Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA2001U Datasheet HTML 1Page - NXP Semiconductors PCA2001U Datasheet HTML 2Page - NXP Semiconductors PCA2001U Datasheet HTML 3Page - NXP Semiconductors PCA2001U Datasheet HTML 4Page - NXP Semiconductors PCA2001U Datasheet HTML 5Page - NXP Semiconductors PCA2001U Datasheet HTML 6Page - NXP Semiconductors PCA2001U Datasheet HTML 7Page - NXP Semiconductors PCA2001U Datasheet HTML 8Page - NXP Semiconductors PCA2001U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2003 Dec 17
3
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
BLOCK DIAGRAM
mgw567
÷4
MOT2
MOT1
8
3
5
1
2
67
RESET
4
VDD
VSS
VOLTAGE DETECTOR,
OTP-CONTROLLER
MOTOR CONTROL WITH
ADAPTIVE PULSE MODULATION
STEP
DETECTION
EOL
PCA2000 only
PCA2000
PCA2001
DIVIDER
RESET
reset
32 Hz
1 Hz
8 kHz
OSCILLATOR
OSCIN
OSCOUT
TEST
OTP-MEMORY
TIMING ADJUSTMENT,
INHIBITION
Fig.1 Block diagram.
PINNING
SYMBOL
PAD
DESCRIPTION
VSS
1
ground
TEST
2
test output
OSCIN
3
oscillator input
OSCOUT
4
oscillator output
VDD
5
supply voltage
MOT1
6
motor 1 output
MOT2
7
motor 2 output
RESET
8
reset input
handbook, halfpage
MGU554
VDD
MOT2
MOT1
RESET
VSS
TEST
OSCIN
OSCOUT
PCA2000
PCA2001
1
2
8
7
6
5
3
4
Fig.2 Pad configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com