Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9533DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9533DP
Description  4-bit I2C LED dimmer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9533DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9533DP Datasheet HTML 5Page - NXP Semiconductors PCA9533DP Datasheet HTML 6Page - NXP Semiconductors PCA9533DP Datasheet HTML 7Page - NXP Semiconductors PCA9533DP Datasheet HTML 8Page - NXP Semiconductors PCA9533DP Datasheet HTML 9Page - NXP Semiconductors PCA9533DP Datasheet HTML 10Page - NXP Semiconductors PCA9533DP Datasheet HTML 11Page - NXP Semiconductors PCA9533DP Datasheet HTML 12Page - NXP Semiconductors PCA9533DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9533
4-bit I2C LED dimmer
2004 Oct 01
9
APPLICATION DATA
PCA9533
VSS
SDA
SCL
VDD
I2C/SMBus MASTER
SW02047
SDA
SCL
LED0
LED1
5 V
5 V
LED2
LED3
10 k
Ω
10 k
Ω
Figure 13. Typical application
Minimizing IDD when the I/O is used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a resistor as shown in Figure 13. Since the LED acts as a
diode, when the LED is off the I/O VIN is about 1.2 V less than VDD. The supply current, IDD, increases as VIN becomes lower than VDD and is
specified as
∆IDD in the DC characteristics table.
Designs needing to minimize current consumption, such as battery power applications, should consider maintaining the I/O pins greater than or
equal to VDD when the LED is off. Figure 14 shows a high value resistor in parallel with the LED. Figure 15 shows VDD less than the LED supply
voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VDD and prevents additional supply current consumption when
the LED is off.
VDD
VDD
LEDx
LED
100 k
Ω
SW02086
Figure 14. High value resistor in parallel with the LED
VDD
3.3 V
LEDx
LED
SW02087
5 V
Figure 15. Device supplied by a lower voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com