Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9533DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9533DP
Description  4-bit I2C LED dimmer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9533DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9533DP Datasheet HTML 6Page - NXP Semiconductors PCA9533DP Datasheet HTML 7Page - NXP Semiconductors PCA9533DP Datasheet HTML 8Page - NXP Semiconductors PCA9533DP Datasheet HTML 9Page - NXP Semiconductors PCA9533DP Datasheet HTML 10Page - NXP Semiconductors PCA9533DP Datasheet HTML 11Page - NXP Semiconductors PCA9533DP Datasheet HTML 12Page - NXP Semiconductors PCA9533DP Datasheet HTML 13Page - NXP Semiconductors PCA9533DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9533
4-bit I2C LED dimmer
2004 Oct 01
10
Programming example
The following example will show how to set LED0 and LED1 off. It
will set LED2 to blink at 1 Hz, 50 % duty cycle. LED3 will be set to
be dimmed at 25 % of their maximum brightness
(duty cycle = 25 %). PCA9533/01 is used in this example.
Table 1.
I2C-bus
Start
S
PCA9533 address
C4h
PSC0 subaddress + auto-increment
11h
Set prescaler PSC0 to achieve a period of 1 second:
Blink period
+ 1 + PSC0 ) 1
152
PSC0 = 151
97h
Set PWM0 duty cycle to 50 %:
PWM0
256
+ 0.5
PWM0 = 128
80h
Set prescaler PWM1 to dim at maximum frequency
Blink period
+ maximum
PSC1 = 0
00h
Set PWM1 output duty cycle to 25 %:
PWM1
256
+ 0.25
PWM1 = 64
40h
Set LED0 on, LED1 off, LED2 set to blink at PSC0,
PWM0, LED3 set to blink at PCS1, PWM1
E1h
Stop
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com