Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9533DP02 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9533DP02
Description  4-bit I2C LED dimmer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9533DP02 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9533DP02 Datasheet HTML 1Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 2Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 3Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 4Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 5Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 6Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 7Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 8Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9533
4-bit I2C LED dimmer
2004 Oct 01
5
PWM1 — PWM REGISTER 1
bit
7
6
5
4
3
2
1
0
default
1
0
0
0
0
0
0
0
The PWM1 register determines the duty cycle of BLINK1. The
outputs are LOW (LED on) when the count is less than the value in
PWM1 and HIGH (LED off) when it is greater. If PWM1 is
programmed with 00h, then the PWM1 output is always HIGH
(LED off).
The duty cycle of BLINK1 is:
PWM1
256
LS0 — LED SELECTOR
LED3
LED2
LED 1
LED 0
bit
7
6
5
4
3
2
1
0
default
0
0
0
0
0
0
0
0
The LSx LED select registers determine the source of the LED data.
00 = Output is set Hi-Z (LED off – default)
01 = Output is set LOW (LED on)
10 = Output blinks at PWM0 rate
11 = Output blinks at PWM1 rate
PINS USED AS GENERAL PURPOSE I/Os
LED pins not used to control LEDs can be used as general purpose
I/Os.
For use as input: Set LEDx to high-impedance (00) and then read
the pin state via the input register.
For use as output: Connect external pull-up resistor to the pin and
size it according to the DC recommended operating characteristics.
LED output pin is HIGH when the output is programmed as
high-impedance, and LOW when the output is programmed LOW
through the “LED selector” register. The output can be pulse-width
controlled when PWM0 or PWM1 are used.
POWER-ON RESET
When power is applied to VDD, an internal Power-On Reset holds
the PCA9533 in a reset condition until VDD has reached VPOR. At
this point, the reset condition is released and the PCA9533 registers
are initialized to their default states, with all outputs in the off state.
Thereafter, VDD must be lowered below 0.2 V to reset the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com