Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9533DP02 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9533DP02
Description  4-bit I2C LED dimmer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9533DP02 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9533DP02 Datasheet HTML 7Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 8Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 9Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 10Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 11Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 12Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 13Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 14Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9533
4-bit I2C LED dimmer
2004 Oct 01
11
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
6.0
V
VI/O
DC voltage on an I/O
VSS – 0.5
5.5
V
II/O
DC output current on an I/O
—
+25
mA
ISS
Supply current
—
100
mA
Ptot
Total power dissipation
—
400
mW
Tstg
Storage temperature range
–65
+150
°C
Tamb
Operating ambient temperature
–40
+85
°C
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under “
Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 V to 5.5 V; VSS = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified. TYP at 3.3 V and 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
—
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
VI = VDD or VSS; fSCL = 100 kHz
—
350
500
µA
Istb
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD or VSS; fSCL = 0 kHz
—
1.9
3.0
µA
∆IDD
Additional standby current
Standby mode; VDD = 5.5 V; Every
LED I/O at VIN = 4.3 V; fSCL = 0 kHz
—
—
325
µA
VPOR
Power-on reset voltage (Note 1)
No load; VI = VDD or VSS
—
1.7
2.2
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
6.5
—
mA
IL
Leakage current
VI = VDD = VSS
–1
—
+1
µA
CI
Input capacitance
VI = VSS
—
3.7
5
pF
I/Os
VIL
LOW-level input voltage
–0.5
—
0.8
V
VIH
HIGH-level input voltage
2.0
—
5.5
V
VOL = 0.4 V; VDD = 2.3 V; Note 2
9
—
—
mA
VOL = 0.4 V; VDD = 3.0 V; Note 2
12
—
—
mA
IO
LOW level output current
VOL = 0.4 V; VDD = 5.0 V; Note 2
15
—
—
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 2.3 V; Note 2
15
—
—
mA
VOL = 0.7 V; VDD = 3.0 V; Note 2
20
—
—
mA
VOL = 0.7 V; VDD = 5.0 V; Note 2
25
—
—
mA
IL
Input leakage current
VDD = 3.6 V; VI = 0 V or VDD
–1
—
1
µA
CIO
Input/output capacitance
—
2.1
5
pF
NOTES:
1. VDD must be lowered to 0.2 V in order to reset part.
2. Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com