Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901E Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM2901E Datasheet HTML 9Page - Texas Instruments PCM2901E Datasheet HTML 10Page - Texas Instruments PCM2901E Datasheet HTML 11Page - Texas Instruments PCM2901E Datasheet HTML 12Page - Texas Instruments PCM2901E Datasheet HTML 13Page - Texas Instruments PCM2901E Datasheet HTML 14Page - Texas Instruments PCM2901E Datasheet HTML 15Page - Texas Instruments PCM2901E Datasheet HTML 16Page - Texas Instruments PCM2901E Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
13
ADC (CONTINUED)
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
30
35
40
45
50
fS − Sampling Frequency − kHz
TOTAL HARMONIC DISTORTION + NOISE at −0.5 dB
vs
SAMPLING FREQUENCY
0.010
0.009
0.004
0.003
0.005
0.008
0.007
0.006
Figure 5
85
87
89
91
93
95
30
35
40
45
50
fS − Sampling Frequency − kHz
DYNAMIC RANGE and SNR
vs
SAMPLING FREQUENCY
SNR
Dynamic Range
Figure 6
DAC
0.03
0.04
0.05
0.06
0.07
0.08
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
TOTAL HARMONIC DISTORTION + NOISE at 0 dB
vs
FREE-AIR TEMPERATURE
0.008
0.004
0.003
0.005
0.007
0.006
Figure 7
90
91
92
93
94
95
96
97
98
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
DYNAMIC RANGE and SNR
vs
FREE-AIR TEMPERATURE
SNR
Dynamic Range
Figure 8
All specifications at TA = 25°C, VDD = VCCC = VCCP1= VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com