Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901E Datasheet(HTML) 2 Page - Texas Instruments

  PCM2901E Datasheet HTML 1Page - Texas Instruments PCM2901E Datasheet HTML 2Page - Texas Instruments PCM2901E Datasheet HTML 3Page - Texas Instruments PCM2901E Datasheet HTML 4Page - Texas Instruments PCM2901E Datasheet HTML 5Page - Texas Instruments PCM2901E Datasheet HTML 6Page - Texas Instruments PCM2901E Datasheet HTML 7Page - Texas Instruments PCM2901E Datasheet HTML 8Page - Texas Instruments PCM2901E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING ORDERING INFORMATION
PCM2901
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER(1)
TRANSPORT
MEDIA
PCM2901E
SSOP-28
28DB
−25
°C to 85°C
PCM2901E
PCM2901E
Rails
PCM2901E
SSOP-28
28DB
−25
°C to 85°C
PCM2901E
PCM2901E/2K
Tape and reel
(1) Models with a slash (/) are available only in tape and reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000
pieces of PCM2901E/2K gets a single 2000-piece tape and reel.
PCM2903
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER(2)
TRANSPORT
MEDIA
PCM2903E
SSOP-28
28DB
−25
°C to 85°C
PCM2903E
PCM2903E
Rails
PCM2903E
SSOP-28
28DB
−25
°C to 85°C
PCM2903E
PCM2903E/2K
Tape and reel
(2) Models with a slash (/) are available only in tape and reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000
pieces of PCM2903E/2K gets a single 2000-piece tape and reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PCM2901/PCM2903
UNIT
Supply voltage, VCCC, VCCP1, VCCP2, VCCX, VDD
–0.3 to 4
V
Supply voltage differences, VCCC, VCCP1, VCCP2, VCCX, VDD
±0.1
V
Ground voltage differences, AGNDC, AGNDP, AGNDX, DGND, DGNDU
±0.1
V
Digital input voltage
SEL0, SEL1, TEST0 (DIN)(2)
−0.3 to 6.5
V
Digital input voltage
D+, D–, HID0, HID1, HID2, XTI, XTO, TEST1 (DOUT)(2), SSPND
−0.3 to (VDD + 0.3) < 4
V
Analog input voltage
VINL, VINR, VCOM, VOUTR, VOUTL
−0.3 to (VCCC + 0.3) < 4
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
−40 to 125
°C
Storage temperature, Tstg
−55 to 150
°C
Junction temperature TJ
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
250
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) ( ): PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com