Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8182 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS8182
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS8182 Datasheet HTML 4Page - ON Semiconductor CS8182 Datasheet HTML 5Page - ON Semiconductor CS8182 Datasheet HTML 6Page - ON Semiconductor CS8182 Datasheet HTML 7Page - ON Semiconductor CS8182 Datasheet HTML 8Page - ON Semiconductor CS8182 Datasheet HTML 9Page - ON Semiconductor CS8182 Datasheet HTML 10Page - ON Semiconductor CS8182 Datasheet HTML 11Page - ON Semiconductor CS8182 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CS8182
www.onsemi.com
11
PACKAGE DIMENSIONS
D2PAK−5
DP SUFFIX
CASE 936AC
ISSUE A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
E
0.380
0.420
9.65
10.67
D1
0.250
−−−
6.35
−−−
A
0.170
0.180
4.32
4.57
b
0.026
0.036
0.66
0.91
c2
0.045
0.055
1.14
1.40
e
0.067 BSC
1.70 BSC
H
0.580
0.620
14.73
15.75
L1
−−−
0.066
−−−
1.68
A1
0.000
0.010
0.00
0.25
c
0.017
0.026
0.43
0.66
E
D
H
L1
b
e
D1
E1
L
0.090
0.110
2.29
2.79
M
0
8
L3
0.010 BSC
0.25 BSC
__
0
8
__
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
DIMENSIONS: MILLIMETERS
0.424
5X
0.584
0.310
0.176
0.040
0.067
PITCH
SOLDERING FOOTPRINT*
A1
L3
B
H
L
M
DETAIL C
SEATING
PLANE
GAUGE
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH AND GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED
0.005 MAXIMUM PER SIDE. THESE DIMENSIONS
TO BE MEASURED AT DATUM H.
4. THERMAL PAD CONTOUR OPTIONAL WITHIN
DIMENSIONS E, L1, D1, AND E1. DIMENSIONS
D1 AND E1 ESTABLISH A MINIMUM MOUNTING
SURFACE FOR THE THERMAL PAD.
E1
0.200
−−−
5.08
−−−
D
0.325
0.368
8.25
9.53
A
5X
M
A
M
0.13
B
E/2
c2
c
A
B
SEATING
PLANE
A
A
DETAIL C
M
A
M
0.10
B
VIEW A−A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com