Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8182 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8182
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8182 Datasheet HTML 1Page - ON Semiconductor CS8182 Datasheet HTML 2Page - ON Semiconductor CS8182 Datasheet HTML 3Page - ON Semiconductor CS8182 Datasheet HTML 4Page - ON Semiconductor CS8182 Datasheet HTML 5Page - ON Semiconductor CS8182 Datasheet HTML 6Page - ON Semiconductor CS8182 Datasheet HTML 7Page - ON Semiconductor CS8182 Datasheet HTML 8Page - ON Semiconductor CS8182 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS8182
www.onsemi.com
2
PACKAGE PIN DESCRIPTION
Package Lead Number
Lead Symbol
Function
SO−8
D2PAK 5−PIN
DPAK 5−PIN
8
1
1
VIN
Input Voltage
1
2
2
VOUT
Regulated Output
2, 3, 6, 7
3
3
GND
Ground
4
4
4
Adj
Adjust Lead
5
5
5
VREF/ENABLE
Reference Voltage and ENABLE Input
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range
−65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage Range (Continuous)
−16 to 45
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 31 V)
45
V
Voltage Range (Adj, VOUT, VREF/ENABLE)
−10 to +VIN
V
Package Thermal Resistance, SO−8:
Junction−to−Case, RqJC
Junction−to−Air, RqJA
25
80
°C/W
°C/W
Package Thermal Resistance, D2PAK
Junction−to−Case, RqJC
Junction−to−Air, RqJA
4.0
48
°C/W
°C/W
Package Thermal Resistance, DPAK
Junction−to−Case, RqJC
Junction−to−Air, RqJA
8.0
64
°C/W
°C/W
ESD Capability (Human Body Model)
(Machine Model)
2.0
200
kV
V
Lead Temperature Soldering: (Note 1)
(SO−8)
(D2PAK)
(DPAK)
240
225
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
RECOMMENDED OPERATING RANGES
Rating
Value
Unit
Junction Temperature, TJ
−40 to+125
°C
Input Voltage, Continuous VIN
3.4 to 45
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com