Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6001PCBA
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF6001PCBA Datasheet HTML 1Page - RF Micro Devices RF6001PCBA Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-19
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
VDDRX
DCAD
TXST
DCV2
GPO1
GPO2
OSCOM
OSCM
VCO1P
OSCB
OSCA
VCO1N
IBIN
IIN
QIN
QBIN
FSR/
QOUT
DRI/
QBOUT
ENR/
IOUT
CLKR/
IBOUT
DRQ
DCV1
GND
DCO
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
ADC
ADC
LPF
Digital Processing
Decimation
Downconversion
Channel Filters
Standard Serial
Interface
Digital
VREG
ADC
VREG
Ref.
Osc.
Osc.
VREG
Serial
Programming
Interface
Control and
Calibration
PA Ramp
Control
Charge Pump
Phase Detector
Fractional
Divider
GMSK
Modulator
TX
Interface
10
DAC 1 and DAC 2
LPF
DAC
DAC
Output
Mux
Loop Filters
3
VCO2
VCO1
VCO
VREG
RF6001
FRACTIONAL-N RF SYNTHESIZER WITH
MODULATOR AND DIGITAL IF FILTER
• GSM/DCS Handsets
• GSM/DCS/PCS Handsets
• Quad-Band GSM Handsets
• Multi-Band EDGERX Handsets
• Multi-Band GPRS Handsets
The RF6001 is a combination synthesizer and signal pro-
cessing IC, which along with the RF2710/RF2716 Very-
Low-IF Receive IC, constitutes RFMD's low-cost GSM
transceiver solution. The high-performance fractional-N
synthesizer offers numerous features including a fully dig-
ital GMSK modulator with provisions for an analog I/Q
interface and extremely low current consumption. The
signal processor section provides a digital receive filter
path designed to complement the RF2710/RF2716. The
IF inputs are digitized, filtered and downconverted to
baseband I and Q signals. The flexible baseband inter-
face can be configured for either analog or digital opera-
tion. Chip functionality is controlled through a three-wire
serial data interface (SDI) bus.
• Fractional-N Synthesizer with Digital
GMSK Modulator
• Signal Processing Circuitry for use with
RF2710/RF2716 VLIF Receiver
• Versatile Baseband Interface
• Integrated RF Transmit VCO’s
RF6001
Fractional-N RF Synthesizer with Modulator and Dig-
ital IF Filter
RF6001 PCBA
Fully Assembled Evaluation Board
0
Rev A6 030528
3.37 TYP
3.50 TYP
-A-
-B-
7.00 TYP
6.75 TYP
2 PLCS
0.10 C A
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
-C-
SEATING
PLANE
0.08 C
0.90
0.85
0.70
0.65
0.05
0.00
5
NOTES:
1.
Shaded lead is Pin 1.
2.
Die thickness allowable is 0.305 mm max.
(0.012 inches max.).
Dimension applies to plated terminal and is
measured between 0.20 mm and 0.25 mm
from terminal tip.
4.
Package warpage maximum 0.08 mm.
Applied for exposed pad and terminals.
Exlude embedding part of exposed pad
from measuring.
5
3
0.30
0.18
0.10
C AB
M
3
0.60
0.24
TYP
0.60
0.24
TYP
0.50
0.30
TYP
5.25
4.95
SQ
0.50
Package Style: QFN, 48-Pin, 7x7
Preliminary
!


Similar Part No. - RF6001PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
RF6001 RFMD-RF6001 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001_06 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
More results

Similar Description - RF6001PCBA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
RF Micro Devices
RF6001 RFMD-RF6001_06 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com