Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10L60CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR10L60CT
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR10L60CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR10L60CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR10L60CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Barrier Rectifier
MBR10L60CT
FEATURES
·
Low Forward Voltage
·
Low Power Loss/High Efficiency
·
High surge capability
·
Guard -Ring for Stress Protection
·
Pb-Free Packages are Available
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Power Supply-output Rectification
·
Power Management
·
Instrumentation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
60
V
IF(AV)
Average Rectified Forward Current
(Rated VR)
5
A
Average Rectified Forward Current
(Rated VR) TC= 140℃
10
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
200
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - MBR10L60CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
logo
SUNMATE electronic Co.,...
MBR10L60CT SUNMATE-MBR10L60CT Datasheet
896Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
MBR10L60CT-T CITC-MBR10L60CT-T Datasheet
486Kb / 3P
10A Trench Schottky Rectifier
logo
ON Semiconductor
MBR10L60CTG ONSEMI-MBR10L60CTG Datasheet
143Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR10L60CTG ONSEMI-MBR10L60CTG Datasheet
88Kb / 7P
Switch.mode Power Rectifier
July, 2016 ??Rev. 2
More results

Similar Description - MBR10L60CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com