Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC40-A Datasheet(PDF) 1 Page - Recom International Power

Part # RAC40-A
Description  Compact 40W AC-DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC40-A Datasheet(HTML) 1 Page - Recom International Power

  RAC40-A Datasheet HTML 1Page - Recom International Power RAC40-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOT RECOMMENDED
FOR
NEW DESIGNS
PA-30
www.recom-electronic.com
REV: 0/2012
Please Read Application Notes
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC40-A
UL-60601-1 Certified
40 Watt
Single/Dual,
Double &
Triple Output
E314885
● Compact 40W AC-DC Power Supply
● Universal Input Voltage Range
● 4000VAC Isolation, Low Leakage Current
● Low Output Ripple and Noise
● Short Circuit Protected
● Triple Output with Independent Outputs
● UL-60601 Certified for Medical Applications
● CE Marked
Features
Regulated
Converters
Input Voltage Range
90-264VAC or 100-370VDC
Rated Power
40 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
860mA/ 460mA max.
No Load Power Consumption
115VAC/230VAC
720mW max.
Inrush Current (<2ms)
115VAC/230VAC
10A / 20A max.
Leakage Current
115VAC/230VAC
100µA/ 200µA max.
Output Voltage Accuracy (Full load)
Single, Dual Outputs ±2% typ.
(note 2)
Others: Main Output ±3% typ., Secondary Output(s) ±5% typ.
Line Voltage Regulation (low line, high line at full load )
Single, Dual Outputs ±0.5% typ.
Double&Triple: Main Output ±0.5% typ., Secondary Output(s) ±5% typ.
Load Voltage Regulation (10% to 100% symmetric load )
Single, Dual O!utputs ±1% typ.
Double: Main Output 2% typ., Secondary Output 6% typ.
Triple: Main Output ±3% typ., Secondary Output(s) ±7% typ.
Cross Regulation
Dual
±5% typ.
Double
Main Output 1%, Secondary Output 7% typ.
Triple
Main Output ±3%, Secondary Output ±7% typ.
Output Ripple and Noise
3.3V Output
50mVp-p max.
(20MHz limited, 0.1µF and 47µF across outputs)
Others
1% Vout max.
Operating Frequency
132kHz typ.
RMS Isolation Voltage (input to output)
4kVAC / 1 minute
Temperature Coefficient
±0.01%/°C typ.
Isolation Resistance
100 M
Ω min.
Short Circuit Protection
Continuous, Automatic Restart
Overcurrent Protection
105% typ.
Over Temeperature Protection
100°C
Operating Temperature Range
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +100°C
Humidity
95% max.
continued on next page
Derating Graph
(Ambient Temperature)
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
E-Version
Compact switching power module for PCB or
DIN-rail mounting with medical certification
UL-60601-1.
Description
Selection Guide
Part
Input
Output
Output
Efficiency
Max.
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC40-3.3SA
90-264
3.3
8000
76
70000µF
RAC40-05SA
90-264
5
8000
79
33000µF
RAC40-12SA
90-264
12
3333
83
4000µF
RAC40-15SA
90-264
15
2666
83
3000µF
RAC40-24SA
90-264
24
1667
83
1200µF
RAC40-05DA
90-264
±5
±4000
80
±6000µF
RAC40-12DA
90-264
±12
±1666
83
±1000µF
RAC40-15DA
90-264
±15
±1333
83
±2000µF
RAC40-0512DA
90-264
5/12
5000/1250
80
15000/750µF
RAC40-0512TA
90-264
5/±12
+5000/±600
79
18000/±150µF
RAC40-0515TA
90-264
5/±15
+5000/±500
79
18000/±400µF
*add suffix “-E” for extended temperature range, e.g. RAC40-05SA-E
*add suffix "-ST” for screw terminal module e.g. RAC40-05SA-ST, RAC40-05DA-ST, RAC40-0512TA-ST
Specifications (typical at 25°C and after warm up time unless otherwise specified )
RoHS
2002/95/EC
6/6


Similar Part No. - RAC40-A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-0512DA RECOM-RAC40-0512DA Datasheet
82Kb / 2P
40 Watt Single, Dual & Triple Output
RAC40-0512DB RECOM-RAC40-0512DB Datasheet
83Kb / 2P
40 Watt Single/Dual/Double & Triple Output
RAC40-0512DB RECOM-RAC40-0512DB Datasheet
83Kb / 2P
40 Watt Single/Dual/ Double & Triple Output
RAC40-0512TA RECOM-RAC40-0512TA Datasheet
82Kb / 2P
40 Watt Single, Dual & Triple Output
RAC40-0512TB RECOM-RAC40-0512TB Datasheet
83Kb / 2P
40 Watt Single/Dual/Double & Triple Output
More results

Similar Description - RAC40-A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
AC/DC Compact PCI Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
AC/DC Compact PCI Power Supply
logo
MicroPower Direct, LLC
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
Recom International Pow...
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
Very Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
Very Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
Compact AC-DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com