Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC40-A Datasheet(PDF) 2 Page - Recom International Power

Part # RAC40-A
Description  Compact 40W AC-DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC40-A Datasheet(HTML) 2 Page - Recom International Power

  RAC40-A Datasheet HTML 1Page - Recom International Power RAC40-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
PA-31
REV:0/2012
RAC40-S_D_TA
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Screw Terminal Module Option (suffix -ST)
6.0
81.30
27.00
2
7
6
12.7
Bottom View
89.0
63.5
1.2
55.88
5
12.7
1
3
15.24
4
15.24
Tolerance =± 0.5 mm
Pin Connections
Pin #
Single Out
Dual Out
Double Out
Triple Out
1
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
3
+VDC out
+VDC out
+12V Out
+VDC out
4
No Pin
No Pin
+5V Out
+5V Out
5
-VDC out
Com
+12V Rtn
Vout Com
6
No Pin
No Pin
+5V Rtn
+5V Rtn
7
NC
-VDC out
No Pin
-VDC out
3rd angle
projection
100.0
111.9
50.0
63.7
1
2
3
4
5
6
7
8
Fuse
5.5
32.5
RAC40-xxS_D_TA
Removable DIN-Rail
Mounting Bracket
Pin Connections
Pin #
Single Out
Dual Out
Double Out
Triple Out
1NC
NC
NC
NC
2
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
3
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
4
+VDC out
+VDC out
+12V Out
+VDC out
5
NC
NC
+5V Out
+5V Out
6
-VDC out
Com
+12V Rtn
Com
7
NC
NC
+5V Rtn
+5V Rtn
8
NC
-VDC out
NC
-VDC out
NC = No Connection
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
280g
suffix (-ST)
300g
Packing Quantity
5 pcs (-ST Version: 1 pc)
EMC
EN 55011 Class B / EN60601-1-2
MTBF (+25°C)
using MIL-HDBK-217F
200~400 x 103 hours
Specifications continued
3rd angle
projection
Note 1: Suggested input fuse rating 3.15A Slow Blow.
Note2: Triple output version has +/-Vout common that is not connected to +5V Return pin internally.
Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com