Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD20-LP Datasheet(PDF) 1 Page - Recom International Power

Part # RACD20-LP
Description  Terminal Block Input/Output with Cable Clamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD20-LP Datasheet(HTML) 1 Page - Recom International Power

  RACD20-LP Datasheet HTML 1Page - Recom International Power RACD20-LP Datasheet HTML 2Page - Recom International Power RACD20-LP Datasheet HTML 3Page - Recom International Power RACD20-LP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-1
REV.: 0/2016
www.recom-power.com
20 Watt
Constant
Current Single
Output
AC/DC Converter
Features
LED
Driver
• Low Profile Case (13mm height max.)
• 350mA to 700mA Constant Current Outputs
• Terminal Block Input/Output with Cable Clamps
• Fully Protected (OLP, SCP, OCP, OTP)
• Suitable for Class I and Class II Luminaires
• low cost
RACD20-LP
Description
These low profile constant current LED drivers have been designed for cost-sensitive applications.
The SELV outputs are suitable for both independently supplied or built-in power-supply LED luminaires.
Their low profile design allows them to be invisibly built into furniture, discreetly mounted under shelves
or integrated in space-restricted applications such as coving lighting, strip lighting or troffer lighting sys-
tems. The power supplies are short circuit and overload protected and come with a full 3-year warranty.
Selection Guide
Part
nom. Input
Input
Output
Output
Efficiency
Output
Number
Voltage
Current Voltage Range
Current
typ.
Power max.
[VAC]
[mA]
[VDC]
[mA]
[%]
[W]
RACD20-350-LP
230
210
2-59
350
86
21W
RACD20-500-LP
230
210
2-40
500
85
20W
RACD20-700-LP
230
210
2-31
700
85
22W
3 YEAR
warranty
3
Specifications (measured @ ta= 25°C, 240VAC and rated load)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Inrush Current
8.0A
Start-up Time
500ms
Input Frequency Range
47Hz
63Hz
No Load Power Consumption
0.5W
Power Factor
full load, 230VAC
0.55
Internal Operating Frequency
full load
45kHz
140kHz
Output Ripple Current (1)
50mAp-p
REGULATIONS
Parameter
Condition
Value
Output Current Accuracy
±5% max.
Line Regulation
5% max.
Load Regulation
5% max.
Notes:
Note1: Measured at 20MHz BW using 0.1µF & 47µF parallel capacitor.
ERP
compliant
IEC/EN61347-1 Certified
IEC/EN61347-2-13 Certified
ENEC Certified
CB Report
EN55015 Compliant


Similar Part No. - RACD20-LP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD20-1050 RECOM-RACD20-1050 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-1050 RECOM-RACD20-1050 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD20-277 RECOM-RACD20-277 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
More results

Similar Description - RACD20-LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
Recom International Pow...
RACD06-LP RECOM-RACD06-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACD12-LP RECOM-RACD12-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV06-LP RECOM-RACV06-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV12-LP RECOM-RACV12-LP Datasheet
465Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV20-LP RECOM-RACV20-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com