Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD20-LP Datasheet(PDF) 3 Page - Recom International Power

Part # RACD20-LP
Description  Terminal Block Input/Output with Cable Clamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD20-LP Datasheet(HTML) 3 Page - Recom International Power

  RACD20-LP Datasheet HTML 1Page - Recom International Power RACD20-LP Datasheet HTML 2Page - Recom International Power RACD20-LP Datasheet HTML 3Page - Recom International Power RACD20-LP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC/DC Converter
L-3
REV.: 0/2016
www.recom-power.com
RACD20-LP
Series
Specifications (measured @ ta= 25°C, 240VAC and rated load)
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Plastic (UL94V-2)
Package Dimension (LxWxH)
128.0 x 50.0 x 13.0mm
Package Weight
75g
M3 Screws
50.0
52.0
128.0
FC 115.0
tc
2
1
3
4
Mechanical Dimensions
2 mounting screws are included
wire preparation
6-7mm
EMI Compliance
Standard / Criterion
Equipment for general Lighting Purpose - EMC Immunity Requirements
305984
+
305985
EN61547, 2009
Limits and methods of measurement of radio disturbance characteristics of electrical
lighting and similar equipment
EN55015, 2015
Assessment of lighting equipment related to human exposure to electromagnetic fields
EN61493, 2015
ESD Electrostatic discharge immunity test
±8kV Air Discharge,
±4kV Contact Discharge
EN61000-4-2, 2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, 2010, Criteria A
Fast Transient and Burst Immunity
±0.5kV (DC Output)
±1kV (AC Input)
EN61000-4-4, 2012, Criteria B
Surge Immunity
±0.5kV (AC Input)
EN61000-4-5, 2014, Criteria C
Immunity to conducted disturbances, induced by radio-frequency fields
3V
EN61000-4-6, 2014, Criteria A
Voltage Dips and Interuptions
95% reduction
30% reduction
EN61000-4-11, 2014, Criteria B
EN61000-4-11, 2014, Criteria C
Limits of Harmonic Current Emissions
EN61000-3-2, Class C, 2014
Voltage Fluctuations and Flicker in Public Low-Voltage Systems <=16A per phase
EN61000-3-3, 2013
Connection via Screw Terminal
#
Function
Solid Wire
Stranded Wire (2)
AWG
1
VAC in (N) 0.75-1.5mm²
0.75-1.5mm²
20-16
2
VAC in (L) 0.75-1.5mm²
0.75-1.5mm²
20-16
3
LED+
0.5-1.5mm²
0.5-1.5mm²
21-16
4
LED-
0.5-1.5mm²
0.5-1.5mm²
21-16
wire stripping length: 6-7mm
recommended tightening torque: 0.25Nm
tc= case temperature measuring point
FC= fixing centers
NC= no connection
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm
Notes:
Note2: The use of sleeve or ferrule terminations is recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com