Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080DGG Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080DGG
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080DGG Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD080DGG Datasheet HTML 1Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 2Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 3Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 4Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 5Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 6Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 7Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 8Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
5
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
1
1.5
2.4
ns
tpHL
Propagation delay time, high-to-low-level output
1
1.5
2.4
ns
tr
Differential output signal rise time
1
2
ns
tf
Differential output signal fall time
See Figure 5
1
2
ns
tsk(o)
Output skew
See Figure 5
350
ps
tsk(p)
Pulse skew (|tpHL − tpLH|)
0
150
ps
tsk(pp)
Part-to-part skew
600
ps
tjit(per)
Period jitter, rms (1 standard deviation) (2)
100 MHz clock input(3)
4
ps
tjit(c−c)
Cycle-to-cycle jitter, rms
100 MHz clock input(3)
45
ps
tjit(det)
Deterministic jitter
200 Mbps 215−1 PRBS input(4)
150
ps
tjit(pp)
Peak-to-peak jitter(2)(5)
200 Mbps 215−1 PRBS input(4)
190
ps
tpZH
Enable time, high-impedance-to-high-level output
7
ns
tpZL
Enable time, high-impedance-to-low-level output
See Figure 6
7
ns
tpHZ
Disable time, high-level-to-high-impedance output
See Figure 6
7
ns
tpLZ
Disable time, low-level-to-high−impedance output
7
ns
(1) All typical values are at 25°C and with a 3.3-V supply voltage.
(2) Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(3) tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(4) tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
(5) Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com