Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080DGG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080DGG
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080DGG Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD080DGG Datasheet HTML 1Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 2Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 3Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 4Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 5Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 6Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 7Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 8Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
GND
0.8
V
Voltage at any bus terminal VA or VB
−1.4
3.8
V
Magnitude of differential input voltage,
VID
0.05
VCC
V
Operating free-air temperature, TA
−40
85
°C
Maximum junction temperature
140
°C
DEVICE ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
110
140
Both disabled
RE at VCC, DE at 0 V, RL = No Load, All others open
5
8
ICC
Supply current
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, CL = 15 pF, All others
open
140
180
mA
Receiver only
RE at 0 V, DE at 0 V, CL = 15 pF, All others open
38
50
(1) All typical values are at 25°C and with a 3.3-V supply voltage.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
VAB
Differential output voltage magnitude (A, B)
480
650
mV
∆VAB
Change in differential output voltage magnitude
between logic states (A, B)
See Figure 2
−50
50
mV
VOS(SS)
Steady-state common-mode output voltage (A, B)
0.8
1.2
V
∆VOS(SS)
Change in steady-state common-mode output
voltage between logic states (A, B)
See Figure 3
−50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage (A, B)
150
mV
VA(OC)
Maximum steady-state open-circuit output voltage
(A, B)
See Figure 7
0
2.4
V
VB(OC)
Maximum steady-state open-circuit output voltage
(A, B)
See Figure 7
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output (A, B)
See Figure 5
1.2 VSS
V
VP(L)
Voltage overshoot, high-to-low level output (A, B)
See Figure 5
−0.2 VSS
V
IIH
High-level input current (D, DE)
VIH = 2 V to VCC
10
µA
IIL
Low-level input current (D, DE)
VIL = GND to 0.8 V
10
µA
IOS
Differential short-circuit output current magnitude
(A, B)
See Figure 4
24
mA
Ci
Input capacitance (D, DE)
VI = 0.4 sin(30E6πt) + 0.5 V, (3)
5
pF
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2) All typical values are at 25°C and with a 3.3-V supply voltage.
(3) HP4194A impedance analyzer (or equivalent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com