Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFPT Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB8040PFPT
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8040PFPT Datasheet HTML 3Page - Texas Instruments TUSB8040PFPT Datasheet HTML 4Page - Texas Instruments TUSB8040PFPT Datasheet HTML 5Page - Texas Instruments TUSB8040PFPT Datasheet HTML 6Page - Texas Instruments TUSB8040PFPT Datasheet HTML 7Page - Texas Instruments TUSB8040PFPT Datasheet HTML 8Page - Texas Instruments TUSB8040PFPT Datasheet HTML 9Page - Texas Instruments TUSB8040PFPT Datasheet HTML 10Page - Texas Instruments TUSB8040PFPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
VBUS
Detect
SuperSpeed Hub
USB 2.0 Hub
Oscilator
XI
VSSOSC
XO
Clock
and
Reset
Distribution
Control
Registers
Boundary
Scan
Power
Distribution
JTAG_TRSTn
JTAG_TDI
JTAG_TDO
JTAG_TMS
JTAG_TCK
VDD33
VSS
GRSTz
I2C/
SMBUS
SCL/SMBCLK
SDA/SMDAT
SMBUSz
VDD11
GPIO
Block
PWRON0z_BATEN0
OVERCUR0z
SS
HS
HS_SUSPEND
SS_SUSPEND
FULLPWRMGMTz_SMBA1
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
1.3
Functional Block Diagram
The TUSB8040PFP (QFP) is a reduced footprint hub that supports ganged power switching and over-
current protection only. A ganged hub switches on power to all its downstream ports when power is
required to be on for any port. The power to the downstream ports is not switched off unless all ports are
in a state that allows power to be removed. Also when a ganged hub senses an over-current event, power
to all downstream ports will be switched off. The TUSB8040PFP also provides customization using an I2C
EEPROM or configuration via an SMBus host for vendor specific PID, VID, and strings. Ports can also be
marked as disabled or permanently attached using an I2C EEPROM or an SMBus host.
The Device Status and Command Register at F8h cannot be modified by the contents of the I2C
EEPROM.
Figure 1-2. TUSB8040PFP Functional Block Diagram
Copyright © 2010–2013, Texas Instruments Incorporated
PIN DESCRIPTIONS
7
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com