Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFPT Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB8040PFPT
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8040PFPT Datasheet HTML 9Page - Texas Instruments TUSB8040PFPT Datasheet HTML 10Page - Texas Instruments TUSB8040PFPT Datasheet HTML 11Page - Texas Instruments TUSB8040PFPT Datasheet HTML 12Page - Texas Instruments TUSB8040PFPT Datasheet HTML 13Page - Texas Instruments TUSB8040PFPT Datasheet HTML 14Page - Texas Instruments TUSB8040PFPT Datasheet HTML 15Page - Texas Instruments TUSB8040PFPT Datasheet HTML 16Page - Texas Instruments TUSB8040PFPT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
3
FUNCTIONAL DESCRIPTION
Table 3-1. TUSB8040 Register Map
BYTE ADDRESS
CONTENTS
00h
ROM Signature (55h)
01h
Vendor ID LSB
02h
Vendor ID MSB
03h
Product ID LSB
04h
Product ID MSB
05h
Device Configuration Register
06h
Battery Charging Support Register
07h
Device Removable Configuration Register
08h
Port Used Configuration Register
09h-0Fh
Reserved
10h-1Fh
Reserved
20h-21h
LangID Byte [1:0]
22h
Serial Number String Length
23h
Manufacturer String Length
24h
Product String Length
25h-2Fh
Reserved
30h-4Fh
Serial Number String Byte [31:0]
50h-8Fh
Manufacturer String Byte [63:0]
90h-CFh
Product String Byte [63:0]
D0-F7h
Reserved
F8h
Device Status and Command Register
F9-FFh
Reserved
3.1
I
2C EEPROM Operation
The TUSB8040 supports a single-master, standard mode (100 Kbit/s) connection to a dedicated I2C
EEPROM when the I2C interface mode is enabled. In I2C mode, the TUSB8040 reads the contents of the
EEPROM at bus address 1010000b using 7-bit addressing starting at address 0. If the value of the
EEPROM contents at byte 00h equals 55h, the TUSB8040 loads the configuration registers according to
the EEPROM map. If the first byte is not 55h, the TUSB8040 exits the I2C mode and continues execution
with the default values in the configuration registers. The hub will not connect on the upstream port until
the configuration is completed.
Note, the bytes located below offset 9h are optional. The requirement for data in those addresses is
dependent on the options configured in the Device Configuration and Phy Custom Configuration registers.
For details on I2C operation refer to the UM10204 I2C-bus Specification and User Manual.
3.2
SMBus Slave Operation
When the SMBus interface mode is enabled, the TUSB8040 supports read block and write block protocols
as a slave-only SMBus device.
The supported slave address of 1000 11xy for the TUSB8040PFP is:
•
x is the state of FULLPWRMGMTz_SMBA1 at reset, and
•
y indicates read (logic 1) or write (logic 0) access.
If the TUSB8040 is addressed by a host using an unsupported protocol it will not respond. The TUSB8040
will wait indefinitely for configuration by the SMBus host and will not connect on the upstream port until the
SMBus host indicates configuration is complete by clearing the CFG_ACTIVE bit.
Copyright © 2010–2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
13
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com