Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TVP7002IPZPR
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZPR Datasheet(HTML) 2 Page - Texas Instruments

  TVP7002IPZPR Datasheet HTML 1Page - Texas Instruments TVP7002IPZPR Datasheet HTML 2Page - Texas Instruments TVP7002IPZPR Datasheet HTML 3Page - Texas Instruments TVP7002IPZPR Datasheet HTML 4Page - Texas Instruments TVP7002IPZPR Datasheet HTML 5Page - Texas Instruments TVP7002IPZPR Datasheet HTML 6Page - Texas Instruments TVP7002IPZPR Datasheet HTML 7Page - Texas Instruments TVP7002IPZPR Datasheet HTML 8Page - Texas Instruments TVP7002IPZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Output
Formatter
R[9:0]
G[9:0]
Host
Interface
Timing Processor
and
Clock Generation
RIN_1
SCL
SDA
I2CA
GIN_1
BIN_1
Clamp
Clamp
Clamp
Gain and
Offset
10-bit
ADC
HSYNC_A
VSYNC_A
COAST
CLAMP
FILT1
SOGIN_1
RESETB
PWDN
B[9:0]
SOGOUT
HSOUT
VSOUT
DATACLK
RIN_2
GIN_2
BIN_2
EXT_CLK
SOGIN_2
HSYNC_B
VSYNC_B
FILT2
RIN_3
GIN_3
GIN_4
SOGIN_3
BIN_3
FIDOUT
Color Space
Conversion
and
4:4:4 to 4:2:2
Conversion
Gain and
Offset
Gain and
Offset
10-bit
ADC
10-bit
ADC
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
The TVP7002 is powered from 3.3-V and 1.9-V supply and integrates a triple high-performance analog-to-digital
(A/D) converter with clamping functions and variable gain, independently programmable for each channel. The
clamp timing window is provided by an external pulse or can be generated internally. The TVP7002 includes
analog slicing circuitry on the SOG inputs to support sync-on-luminance or sync-on-green extraction. In addition,
TVP7002 can extract discrete HSYNC and VSYNC from composite sync using a sync slicer.
The TVP7002 also contains a complete horizontal phase-locked loop (PLL) block to generate a pixel clock from
the HSYNC input. Pixel clock output frequencies range from 12 MHz to 165 MHz.
All programming of the device is done via an industry-standard I2C interface, which supports both reading and
writing of register settings. The TVP7002 is available in a space-saving 100-pin TQFP PowerPAD package.
Ordering Information(1)
PACKAGED DEVICES
TA
PACKAGE OPTION
100-PIN PLASTIC FLATPACK PowerPAD
TVP7002PZP
Tray
0°C to 70°C
TVP7002PZPR
Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com