Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZPR Datasheet(PDF) 33 Page - Texas Instruments

Part # TVP7002IPZPR
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TVP7002IPZPR Datasheet HTML 29Page - Texas Instruments TVP7002IPZPR Datasheet HTML 30Page - Texas Instruments TVP7002IPZPR Datasheet HTML 31Page - Texas Instruments TVP7002IPZPR Datasheet HTML 32Page - Texas Instruments TVP7002IPZPR Datasheet HTML 33Page - Texas Instruments TVP7002IPZPR Datasheet HTML 34Page - Texas Instruments TVP7002IPZPR Datasheet HTML 35Page - Texas Instruments TVP7002IPZPR Datasheet HTML 36Page - Texas Instruments TVP7002IPZPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
H-PLL Post-Coast
Subaddress
13h
Default (00h)
7
6
5
4
3
2
1
0
Post-Coast [7:0]
Post-Coast [7:0]: Sets the number of HSYNC periods that coast stays active following VSYNC trailing edge. Post-Coast settings must be
extended to include Macrovision™ pseudo syncs when Macrovision is present.
Table 14. Recommended H-PLL Pre-Coast and H-PLL
Post-Coast Settings
STANDARD
H-PLL PRE-COAST
H-PLL POST-
COAST
480i/p
3
3
576i/p
3
3
1080i
1
0
1080p
1
0
720p
1
0
PC SOG Graphics
1
0
Sync Detect Status
Subaddress
14h
Read Only
7
6
5
4
3
2
1
0
HSD
AHS
IHSPD
VSD
AVS
VSPD
SOGD
ICPD
HSD: HSYNC Detect. HSYNC activity detection for selected HSYNC input (pin 81 or 82).
0 = No HSYNC activity detected
1 = HSYNC activity detected
AHS: Active HSYNC. Indicates whether the active HSYNC is derived from the selected HSYNC input or the selected SOG input.
0 = HSYNC from selected HSYNC input (pin 81 or 82)
1 = HSYNC from selected SOG input (pin 1, 99, or 97)
IHSPD: Input HSYNC Polarity Detect. HSYNC polarity detection for selected HSYNC input (pin 81 or 82).
0 = Active-low HSYNC
1 = Active-high HSYNC
VSD: VSYNC Detect. VSYNC activity detection for selected VSYNC input (pin 78 or 79).
0 = No VSYNC activity detected
1 = VSYNC activity detected
AVS: Active VSYNC. Indicates whether the active VSYNC is derived from the selected VSYNC input or the sync separator.
0 = VSYNC from selected VSYNC input (pin 78 or 79)
1 = VSYNC from sync separator
VSPD: Input VSYNC Polarity Detect. VSYNC polarity detection for selected VSYNC input (pin 78 or 79).
0 = Active-low VSYNC
1 = Active-high VSYNC
SOGD: SOG Detect. SOG activity detection for selected SOG input (pin 1, 99, or 97).
0 = No SOG activity detected
1 = SOG activity detected
ICPD: Input Coast Polarity Detect. Coast signal polarity detection.
0 = Active-low coast signal
1 = Active-high coast signal
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com