Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN10501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501 Datasheet(HTML) 1 Page - Texas Instruments

  SN10501 Datasheet HTML 1Page - Texas Instruments SN10501 Datasheet HTML 2Page - Texas Instruments SN10501 Datasheet HTML 3Page - Texas Instruments SN10501 Datasheet HTML 4Page - Texas Instruments SN10501 Datasheet HTML 5Page - Texas Instruments SN10501 Datasheet HTML 6Page - Texas Instruments SN10501 Datasheet HTML 7Page - Texas Instruments SN10501 Datasheet HTML 8Page - Texas Instruments SN10501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
HIGHSPEED RAILTORAIL OUTPUT
VIDEO AMPLIFIERS
DBV-5
D-14
PWP-14
D-8
DGN-8
DGK-8
FEATURES
D High Speed
− 100 MHz Bandwidth (−3 dB, G= 2)
− 900 V/
µs Slew Rate
D Excellent Video Performance
− 50 MHz Bandwidth (0.1 dB, G = 2)
− 0.007% Differential Gain
− 0.007
° Differential Phase
D Rail-to-Rail Output Swing
− VO = −4.5 / 4.5 (RL = 150 Ω)
D High Output Drive, IO = 100 mA (typ)
D Ultralow Distortion
− HD2 = −78 dBc (f = 5 MHz, RL = 150Ω)
− HD3 = −85 dBc (f = 5 MHz, RL = 150Ω)
D Wide Range of Power Supplies
− VS = 3 V to 15 V
DESCRIPTION
The SN1050x family is a set of rail-to-rail output single,
dual, and triple low-voltage, high-output swing, low-
distortion high-speed amplifiers ideal for driving data
converters, video switching, or low distortion applications.
This family of voltage feedback amplifiers can operate
from a single 15-V power supply down to a single 3-V
power supply while consuming only 14 mA of quiescent
current per channel. In addition, the family offers excellent
ac performance with 100-MHz bandwidth, 900-V/
µs slew
rate and harmonic distortion (THD) at –78 dBc at 5 MHz.
DEVICE
DESCRIPTION
SN10501
Single
SN10502
Dual
SN10503
Triple
APPLICATIONS
D Video Line Driver
D Imaging
D DVD / CD ROM
D Active Filtering
D General Purpose Signal Chain Conditioning
+
−
Video In
10
µF
0.1
µF
VS−
75
Ω
75
Ω
10
µF
0.1
µF
1.43 k
Ω
1.43 k
Ω
75
Ω
VS+
+
5
3
4
SN10501
2
+
1
VO
VIDEO DRIVE CIRCUIT
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 51 MHz
VO = 0.1 VPP
−0.1 dB at 49 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
FREQUENCY RESPONSE
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated


Similar Part No. - SN10501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI1-SN10501 Datasheet
1Mb / 34P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI2-SN10501 Datasheet
970Kb / 31P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
REVISED DECEMBER 2007
SN10501 TI2-SN10501 Datasheet
1Mb / 42P
BUF20800-Q1 18-Channel Programmable Gamma Voltage Generator With Two Programmable VCOM Channels
REVISED AUGUST 2018
SN10501 TI2-SN10501 Datasheet
970Kb / 31P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
REVISED DECEMBER 2007
More results

Similar Description - SN10501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
10/03-Data Sheet changed from Rev. A to Rev. B
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Texas Instruments
SN10501 TI1-SN10501_16 Datasheet
1Mb / 34P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com