Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC53L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SSC53L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSC53L Datasheet(HTML) 1 Page - Vishay Siliconix

  SSC53L Datasheet HTML 1Page - Vishay Siliconix SSC53L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSC53L and SSC54
Vishay Semiconductors
formerly General Semiconductor
Document Number 88885
www.vishay.com
16-Jun-04
1
High-Current Density Surface Mount Schottky Rectifier
Reverse Voltage 30 & 40V
Forward Current 5.0A
Mounting Pad Layout
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SSC53L
SSC54
Unit
Device marking code
53L
S54
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRMS
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified current at TL
(See Fig. 1)
IF(AV)
5.0
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
175
A
Typical thermal resistance(2)
RΘJA
60
RΘJL
20
°C/W
Voltage rate of change (rated VR)
dv/dt
10,000
V/µs
Operating junction temperature range
TJ
–65 to +150
°C
Storage temperature range
TSTG
–65 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Typ.
Max.
Typ.
Max.
Unit
Maximum instantaneous
TJ=25°C
VF
0.42
0.45
0.45
0.49
V
Forward voltage at 5.0A (1)
TJ=125°C
0.33
0.38
0.36
0.42
Maximum DC reverse current
TJ=25°C
–
0.7
–
0.5
at rated DC blocking voltage(1)
TJ=125°C
IR
45
65
40
60
mA
Notes: (1) Pulse test: 300µs pulse width, 1% duty cycle
(2) Aluminum substrate mounted
Features
• Low power loss, high efficiency
• Low profile surface mount package
• Built-in strain relief
• For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
• Guardring for overvoltage protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per
MIL-STD750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Polarity: Color band denotes cathode end
Weight: 0.007 oz., 0.25 g
0.185 MAX.
(4.69 MAX.)
0.126 MIN.
(3.20 MIN.)
0.060 MIN.
(1.52 MIN.)
0.320 REF
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.245 (6.22)
0.220 (5.59)
0.126 (3.20)
0.114 (2.90)
0.103 (2.62)
0.079 (2.06)
Cathode Band
Dimensions in inches
and (millimeters)
DO-214AB (SMC)
New Product


Similar Part No. - SSC53L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSC53L VISHAY-SSC53L Datasheet
106Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
19-May-08
logo
Shenzhen Taychipst Elec...
SSC53L TAYCHIPST-SSC53L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSC53L VISHAY-SSC53L Datasheet
134Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
23-Apr-2020
SSC53L-E3/57T VISHAY-SSC53L-E3/57T Datasheet
106Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
19-May-08
SSC53L-E3/57T VISHAY-SSC53L-E3/57T Datasheet
87Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
17-Dec-12
More results

Similar Description - SSC53L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
B330LA VISHAY-B330LA_15 Datasheet
438Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
B330LA-M3 VISHAY-B330LA-M3_15 Datasheet
73Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
26-Apr-13
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SS10PH45 VISHAY-SS10PH45_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com