Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC53L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SSC53L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSC53L Datasheet(HTML) 2 Page - Vishay Siliconix

  SSC53L Datasheet HTML 1Page - Vishay Siliconix SSC53L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSC53L and SSC54
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88885
2
16-Jun-04
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
10
100
0
50
150
100
200
Fig. 3 – Typical Instantaneous
Forward Characteristics
Fig. 5 – Typical Junction
Capacitance
Number of Cycles at 60 HZ
Reverse Voltage (V)
0
1
2
3
4
5
6
025
50
75
100
125
150
Fig. 1 – Forward Current
Derating Curve
Lead Temperature (°C)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
0.01
0.1
0.2
0.4
0.6
0.8
0
1
10
100
Instantaneous Forward Voltage (V)
020
60
40
100
80
0.001
0.1
0.01
10
1
100
1000
Fig. 4 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage (%)
1
10
100
1000
10000
100
SSC53L
SSC54
SSC53L
SSC54
SSC53L
SSC54
SSC53L
SSC54
TJ = 150°C
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com