Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRP Datasheet(PDF) 1 Page - Copal Electronics

Part # MRP
Description  Pulse Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRP Datasheet(HTML) 1 Page - Copal Electronics

  MRP Datasheet HTML 1Page - Copal Electronics MRP Datasheet HTML 2Page - Copal Electronics MRP Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■Standard Accessories(for MRP 1−20−1 only)
《Supplied with switch》
Part Name
Nut
Washer
Part Number
140008010193
140008150123
Dimensions
Nickel Plated
Zinc plated
MRP
Pulse Switches
■Features
1. Miniature size of 10 mm square.
2. Gold-plated contacts for high contact reliability.
3. Easy mounting on PC board in a single-touch
operation is ensured. Compatible with auto soldering.
RoHS Compliant
■Part Numbering
■ SpeciÄcations
Rating
10mA 5VDC
Dielectric strength
250VAC 1 minute
Insulation resistance
100M
Ω min.
(250VDC)
Electrical life
10,000 cycles
Operating force
0.098
∼0.98N・cm
Operating
temperature range
−20∼+70℃
Storage
temperature range
−40∼+85℃
●We accept orders for custom-made knobs for MRP. Please contact us.
MRP
  1  −  20  −  R − Z
Series code
Number of poles
Number of pulse
Mounting
Mounting
Fig.
None
Bracket mounting
Nut mounting
Right angle
1
R


Similar Part No. - MRP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRP001 VISHAY-MRP001 Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRP002 VISHAY-MRP002 Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRP003 VISHAY-MRP003 Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRP004 VISHAY-MRP004 Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results

Similar Description - MRP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
PULSE TRANSFORMER
logo
ITT Industries
KPD1S2W4P ITT-KPD1S2W4P Datasheet
265Kb / 3P
Piezo Pulse Momentary Pushbutton Switches
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
Pulse Transformer
7/29/96
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
Pulse Transformer
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
PULSE TRANSFORMER
logo
Pasternack Enterprises,...
PE7149 PASTERNACK-PE7149 Datasheet
119Kb / 1P
N SPDT RELAY SWITCH HOT SWITCHES INDICATORS & PULSE LATCHING
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
PULSE TRANSFORMER
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
Pulse generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com