Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 12Page - STMicroelectronics ST7MC1 Datasheet HTML 13Page - STMicroelectronics ST7MC1 Datasheet HTML 14Page - STMicroelectronics ST7MC1 Datasheet HTML 15Page - STMicroelectronics ST7MC1 Datasheet HTML 16Page - STMicroelectronics ST7MC1 Datasheet HTML 17Page - STMicroelectronics ST7MC1 Datasheet HTML 18Page - STMicroelectronics ST7MC1 Datasheet HTML 19Page - STMicroelectronics ST7MC1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 308 page
background image
ST7MC1/ST7MC2
16/308
3 REGISTER & MEMORY MAP
As shown in Figure 8, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, up to 2Kbytes of RAM
and up to 60Kbytes of user program memory. The
RAM space includes up to 256 bytes for the stack
from 0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 8. Memory Map
As shown in Figure 9, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, up to 1536 bytes of
RAM and up to 60 Kbytes of user program memo-
ry. The RAM space includes up to 256 bytes for
the stack from 0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
0000h
RAM
Program Memory
(60K, 48K, 32K, 16K, 8K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 2)
1000h
FFDFh
FFE0h
FFFFh
(see Table 8)
0680h
Reserved
067Fh
Short Addressing
RAM (zero page)
256 Bytes Stack
16-bit Addressing
RAM
0100h
01FFh
01FFh
0080h
0200h
00FFh
1000h
32 KBytes
60 KBytes
FFFFh
8000h
(1536/1024
or 047Fh
8 KBytes
E000h
768/384 Bytes)
or 037Fh
or 067Fh
16 KBytes
C000h
48 KBytes
4000h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com