Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 30Page - STMicroelectronics ST7MC1 Datasheet HTML 31Page - STMicroelectronics ST7MC1 Datasheet HTML 32Page - STMicroelectronics ST7MC1 Datasheet HTML 33Page - STMicroelectronics ST7MC1 Datasheet HTML 34Page - STMicroelectronics ST7MC1 Datasheet HTML 35Page - STMicroelectronics ST7MC1 Datasheet HTML 36Page - STMicroelectronics ST7MC1 Datasheet HTML 37Page - STMicroelectronics ST7MC1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 308 page
background image
ST7MC1/ST7MC2
34/308
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.3.5 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS REGISTER (SICSR, page 0)
Read/Write
Reset Value: 000x 000x (00h)
Bit 7 = PAGE SICSR Register Page Selection
This bit selects the SICSR register page. It is set
and cleared by software
0: Access to SICSR register mapped in page 0.
1: Access to SICSR register mapped in page 1.
Bit 6 = AVDIE Voltage Detector interrupt enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag
changes (toggles). The pending interrupt informa-
tion is automatically cleared when software enters
the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Bit 5 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware.
If the VDIE bit is set, an interrupt request is gener-
ated when the AVDF bit changes value.
0: VDD over VIT+ (AVD) threshold
1: VDD under VIT-(AVD) threshold
Bit 4 = LVDRF LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared by software (writing zero). See
WDGRF flag description for more details. When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Bit 3 = Reserved, must be kept cleared.
Bit 2 = CSSIE Clock security syst
.
interrupt enable
This bit enables the interrupt when a disturbance
is detected by the Clock Security System (CSSD
bit set). It is set and cleared by software.
0: Clock security system interrupt disabled
1: Clock security system interrupt enabled
When the PLL is disabled (PLLEN=0), the CSSIE
bit has no effect.
Bit 1 = CSSD Clock security system detection
This bit indicates a disturbance on the main clock
signal (fOSC): the clock stops (at least for a few cy-
cles). It is set by hardware and cleared by reading
the SICSR register when the original oscillator re-
covers.
0: Safe oscillator is not active
1: Safe oscillator has been activated
When the PLL is disabled (PLLEN=0), the CSSD
bit value is forced to 0.
Bit 0 = WDGRF Watchdog reset flag
This bit indicates that the last Reset was generat-
ed by the Watchdog peripheral. It is set by hard-
ware (watchdog reset) and cleared by software
(writing zero) or an LVD Reset (to ensure a stable
cleared state of the WDGRF flag when CPU
starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
70
PAG
E
AVD
IE
AVD
F
LVD
RF
0
CSS
IE
CSS
D
WDG
RF
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com