Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 207Page - STMicroelectronics ST7MC1 Datasheet HTML 208Page - STMicroelectronics ST7MC1 Datasheet HTML 209Page - STMicroelectronics ST7MC1 Datasheet HTML 210Page - STMicroelectronics ST7MC1 Datasheet HTML 211Page - STMicroelectronics ST7MC1 Datasheet HTML 212Page - STMicroelectronics ST7MC1 Datasheet HTML 213Page - STMicroelectronics ST7MC1 Datasheet HTML 214Page - STMicroelectronics ST7MC1 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 308 page
background image
ST7MC1/ST7MC2
211/308
MOTOR CONTROLLER (Cont’d)
CONTROL REGISTER B (MCRB)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7= Reserved, must be kept at reset value.
Bit 6= CPB*: Compare Bit for Zero-crossing detec-
tion.
0: Zero crossing detection on falling edge
1: Zero crossing detection on rising edge
Bit 5= HDM*: Hardware Demagnetization event
Mask bit
0: Hardware Demagnetization disabled
1: Hardware Demagnetization enabled
Bit 4= SDM*: Simulated Demagnetization event
Mask bit
0: Simulated Demagnetization disabled
1: Simulated Demagnetization enabled
Bit 3 = OCV: Over Current Handling in Voltage
mode
0: Over Current protection is OFF
1:Over current protection is ON
This bit acts as follows
Table 60. Over current handling
Note 1: This feature is also available when using
the three PWM outputs (PCN bit=1 in the MDTG
register), providing that the VOC1bit = 0 (MCRA
register). See section 10.6.8.2 on page 185
Bits 2:0 = OS2*, OS[1:0]: Operating output mode
Selection bits
Refer to the Step behaviour diagrams (Figure 109,
Figure 110) and Table 61, “Step Behaviour/ sen-
sorless mode,” on page 211.
These bits are used to define the various PWM
output configurations.
Note: OS2 is the only preload bit.
Table 61. Step Behaviour/ sensorless mode
Note: For more details, see Step behaviour dia-
grams (Figure 109 and Figure 110).
* Preload bits, new value taken into account at the
next C event. A C event is generated at each write
to MPHST in Direct Access mode.
76
54
32
10
0
CPB*
HDM*
SDM*
OCV
OS2*
OS1
OS0
CLIM bit CLI bit OCV bit
Output effect
Interrupt
00
x
Normal running
mode
No
01
x
PWM is put off as
Current loop effect
No
10
x
Normal running
mode
No
11
0
PWM is put off as
Current loop effect
Yes
11
1
All MCOx outputs
are put in reset
state (MOE reset) 1)
Yes
OS2
bit
PWM after
C and
before D
OS1
bit
PWM after
D and
before Z
OS0
PWM after
Z and
before next
C
0
On High
Channels
0
On High
Channels
0
On high
channels
1
On low
channels
1
On Low
Channels
0
On high
channels
1
On low
channels
1
On Low
Channels
0
On High
Channels
0
On high
channels
1
On low
channels
1
On Low
Channels
0
On high
channels
1
On low
channels
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com