Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 232Page - STMicroelectronics ST7MC1 Datasheet HTML 233Page - STMicroelectronics ST7MC1 Datasheet HTML 234Page - STMicroelectronics ST7MC1 Datasheet HTML 235Page - STMicroelectronics ST7MC1 Datasheet HTML 236Page - STMicroelectronics ST7MC1 Datasheet HTML 237Page - STMicroelectronics ST7MC1 Datasheet HTML 238Page - STMicroelectronics ST7MC1 Datasheet HTML 239Page - STMicroelectronics ST7MC1 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 308 page
background image
ST7MC1/ST7MC2
236/308
10-BIT A/D CONVERTER (ADC) (Cont’d)
10.8.3.3 Digital A/D Conversion Result
The conversion is monotonic, meaning that the re-
sult never decreases if the analog input does not
and never increases if the analog input does not.
If the input voltage (VAIN) is greater than VREF+
(high-level voltage reference) then the conversion
result is FFh in the ADCDRMSB register and 03h
in the ADCDRLSB register (without overflow indi-
cation).
If the input voltage (VAIN) is lower than VREF- (low-
level voltage reference) then the conversion result
in the ADCDRMSB and ADCDRLSB registers is
00 00h.
The A/D converter is linear and the digital result of
the conversion is stored in the ADCDRMSB and
ADCDRLSB registers. The accuracy of the con-
version is described in the Electrical Characteris-
tics Section.
RAIN is the maximum recommended impedance
for an analog input signal. If the impedance is too
high, this will result in a loss of accuracy due to
leakage and sampling not being completed in the
alloted time.
RREF is the value of the resistive bridge imple-
mented in the device between VREF+ and VREF-.
10.8.3.4 A/D Conversion
The analog input ports must be configured as in-
put, no pull-up, no interrupt. Refer to the «I/O
ports» chapter. Using these pins as analog inputs
does not affect the ability of the port to be read as
a logic input. If the application used the high-im-
pedance analog inputs, then the sample time
should be stretched by setting the ADSTS bit in
the MCCBCR register.
In the ADCCSR register:
– Select the CS[3:0] bits to assign the analog
channel to convert.
ADC Conversion mode
In the ADCCSR register:
– Set the ADON bit to enable the A/D converter
and to start the conversion. From this time on,
the ADC performs a continuous conversion of
the selected channel.
– The EOC bit is kept low by hardware during the
conversion.
Note: Changing the A/D channel during conver-
sion will stop the current conversion and start con-
version of the newly selected channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com