Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 249 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 249 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 245Page - STMicroelectronics ST7MC1 Datasheet HTML 246Page - STMicroelectronics ST7MC1 Datasheet HTML 247Page - STMicroelectronics ST7MC1 Datasheet HTML 248Page - STMicroelectronics ST7MC1 Datasheet HTML 249Page - STMicroelectronics ST7MC1 Datasheet HTML 250Page - STMicroelectronics ST7MC1 Datasheet HTML 251Page - STMicroelectronics ST7MC1 Datasheet HTML 252Page - STMicroelectronics ST7MC1 Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 308 page
background image
ST7MC1/ST7MC2
249/308
12.3 OPERATING CONDITIONS
12.3.1 General Operating Conditions
Figure 130. fCPU Max Versus VDD
Note 1: Clock Detector, ADC, comparator and OPAMP functionalities guaranteed only within 4.5-5.5V
voltage range.
Note:
Some temperature ranges are only available with a specific package and memory size. Refer to Ordering
Information.
Warning: Do not connect 12V to VPP before VDD is powered on, as this may damage the device.
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency versus VDD
08
MHz
VDD
Extended operating voltage
No Flash Write/Erase. Analog
parameters not guaranteed 1)
3.8
5.5
V
Standard operating voltage
4.5
5.5
Operating voltage for flash Write/Erase
VPP = 11.4 to 12.6V
4.5
5.5
TA
Ambient temperature range
6 Suffix Version
-40
85
°C
C Suffix Version
-40
125
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
1
0
3.5
4.0
4.5
5.5
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
3.8
6
(UNLESS
OTHERWISE
SPECIFIED
IN THE TABLES
OF PARAMETRIC
DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com