Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 273 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 273 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 269Page - STMicroelectronics ST7MC1 Datasheet HTML 270Page - STMicroelectronics ST7MC1 Datasheet HTML 271Page - STMicroelectronics ST7MC1 Datasheet HTML 272Page - STMicroelectronics ST7MC1 Datasheet HTML 273Page - STMicroelectronics ST7MC1 Datasheet HTML 274Page - STMicroelectronics ST7MC1 Datasheet HTML 275Page - STMicroelectronics ST7MC1 Datasheet HTML 276Page - STMicroelectronics ST7MC1 Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 308 page
background image
ST7MC1/ST7MC2
273/308
MOTOR CONTROL CHARACTERISTICS (Cont’d)
12.12.2 Input Stage (comparator + sampling)
Note:
1. The comparator accuracy is dependent of the environment. The offset value is given for a comparison done with all
digital I/Os stable. Negative injection current on the I/Os close to the inputs may reduce the accuracy. In particular care
must be taken to avoid switching on I/Os close to the inputs when the comparator is in use. This phenomenon is even
more critical when a big external serial resistor is added on the inputs.
2. This filter is implemented to wait for comparator stabilization and avoid any wrong information during start-up.
3. This delay represents the number of clock cycles needed to generate an event as soon as the comparator output
or MCO outputs change.
Example: In tachogenerator mode, this means that capture is performed on the 4th clock cycle after comparator commu-
tation., i.e. there is a variation of (1/fmtc) or (1 / fSCF) depending on the case.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Comparator input volt-
age range
VSSA - 0.1
VDD + 0.1
V
Voffset
Comparator offset error
5
40 1)
mV
Ioffset
Input offset current
1
µA
tpropag
Comparator propagation
delay
35
100
ns
tstartup
Start-up filter duration2)
Time waited before sampling when com-
parator is turned ON, i.e. CKE=1 or
DAC=1 (with fPERIPH = 4MHz)
3
µs
tsampling Digital sampling delay
3)
Time needed to generate a capture in
tachogenerator mode as soon as the MCI
input toggles
4 / fmtc
Time needed to capture MTIM in MZREG
(BEMF) when sampling during PWM sig-
nal OFF time as soon as MCO becomes
ON
3 / fmtc (see Figure 150)
Time needed to set/reset the HST bit
when sampling during PWM signal OFF
time as soon as MCO becomes ON
(BEMF)
1 / fmtc (see Figure 150)
Time needed to generate Z event (MTIM
captured in MZREG) as soon as the com-
parator toggles (when sampling at fSCF)
1 / fSCF + 3 / fmtc (see Figure 151)
Time needed to generate D event (MTIM
captured in MDREG) as soon as the com-
parator toggles
1 / fSCF + 3 / fmtc (see Figure 151)
Time needed to set/reset the HST bit
when sampling during PWM signal ON
time after a delay (DS>0) as soon as
MCO becomes ON
Delay programmed in DS bits
(MCONF) +1 / fmtc
(see Figure 152)
Time needed to generate Z event (MTIM
in MZREG) when sampling during PWM
signal ON time after a delay (DS>0) as
soon as MCO becomes ON
Delay programmed in DS bits
(MCONF)
+ 3 / fmtc
(see Figure 152)
Time needed to generate Z event (MTIM
captured in MZREG) when sampling dur-
ing PWM signal ON time at fSCF after a
delay (DS>0)
Delay programmed in DS bits
(MCONF)
+ 1 / fSCF + 3 / fmtc
(see Figure 152)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com