Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-7100-103R-R1 Datasheet(PDF) 1 Page - Copal Electronics

Part # P-7100-103R-R1
Description  Ultra-miniature pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-7100-103R-R1 Datasheet(HTML) 1 Page - Copal Electronics

  P-7100-103R-R1 Datasheet HTML 1Page - Copal Electronics P-7100-103R-R1 Datasheet HTML 2Page - Copal Electronics P-7100-103R-R1 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
③
②
⑥
④
⑤
⑦
①
Pressure
※
O Suitable for installing inside the narrow space of the
equipment thanks to its small size and light weight
outline dimensions
φ17×18.7mm, Net weight: Approx
19 g (M5 type)
O High reliability (SUS316L diaphragm, oil-filled) by using
double diaphragm structure
O Supply voltage and analog output is 5±0.5V and the 0.5
O High accuracy by using a digital compensation circuit
employing the COB (chip on board) mounting
O Variety pressure range: 0 ~ 100kPa, -100 ~ 100kPa, 0 ~
1MPa, 0 ~ 133.3kPa abs
■ FEATURES
■ MODEL NUMBER DESIGNATION
Part name
Material
Sensor chip
SUS304
SUS316L
Silicone oil
Silicon
SUS 304
Epoxy resin
Iron
+ gold-plated
Fitting
Stainless steel diaphragm
Housing
Sealed liquid
Resin compound
Vent hole
1
2
3
4
5
6
7
INTERNAL STRUCTURE
P-7100 - 102 G - R1
Series name
Fitting
R1
:R1/8
M5
:Female
Rated pressure range
102G
:0 ~ 100kPa
103G
:0 ~ 1.0MPa
102R
:-100 ~ 100kPa
132A
:0 ~ 133.3kPa abs
Pressure reference
G
:Gauge (Positive)
R
:Gauge (Compound)
A
:Absolute
Ultra-miniature pressure sensors
P-7100
※ ⑦ is applicable to gauge type only.
■ LIST OF MODEL NUMBERS
※Verify the above model numbers when placing orders.
Fitting
Rated pressure range
102G
102R
103G
132A
R1/8
P-7100-102G-R1
P-7100-102R-R1
P-7100-103G-R1
P-7100-132A-R1
M5
P-7100-102G-M5
P-7100-102R-M5
P-7100-103G-M5
P-7100-132A-M5


Similar Part No. - P-7100-103R-R1

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
P-710 KEISO-P-710 Datasheet
693Kb / 2P
Purgemeter
Aug 2020
P-710-00-GT-R KEISO-P-710-00-GT-R Datasheet
693Kb / 2P
Purgemeter
Aug 2020
P-710-00-GT-T KEISO-P-710-00-GT-T Datasheet
693Kb / 2P
Purgemeter
Aug 2020
P-710-00-TT-R KEISO-P-710-00-TT-R Datasheet
693Kb / 2P
Purgemeter
Aug 2020
P-710-00-TT-T KEISO-P-710-00-TT-T Datasheet
693Kb / 2P
Purgemeter
Aug 2020
More results

Similar Description - P-7100-103R-R1

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
Miniature Amplified Pressure Sensors
Rev A
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
Miniature Pressure Sensors
Rev E
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
Miniature Pressure Sensors
Rev B
5PSI-GF-HGRADE-MINI ASC-5PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
15PSI-AF-HGRADE-MINI ASC-15PSI-AF-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com