Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-7100-103R-R1 Datasheet(PDF) 2 Page - Copal Electronics

Part # P-7100-103R-R1
Description  Ultra-miniature pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-7100-103R-R1 Datasheet(HTML) 2 Page - Copal Electronics

  P-7100-103R-R1 Datasheet HTML 1Page - Copal Electronics P-7100-103R-R1 Datasheet HTML 2Page - Copal Electronics P-7100-103R-R1 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ STANDARD SPECIFICATIONS
P-7100
PRESSURE TRANSDUCERS
Item
Model number
P-7100
102G
103G
102R
132A
Pressure reference
Gauge
Absolute
Rated pressure range
0 ~ 100kPa
0 ~ 1.0MPa
-100 ~ 100kPa
0 ~ 133.3kPa abs
Maximum pressure
200kPa
2.0MPa
200kPa
200kPa abs
Break-down pressure
300kPa
3.0MPa
300kPa
300kPa abs
Operating temp.range
− 20 ~ 70
Compensated temp. range
0 ~ 50
Operating humidity range
35 ~ 85
(No condensation)
Storage temp. range
− 20 ~ 80
(Atmospheric pressure, humidity 65 %RH maximum)
Media
Corrosive gases/liquids compatible with SUS316L and SUS304
Insulation resistance
100
(500V DC)
Dielectric strength
500V AC 60 s
(Leakage current 1mA maximum)
Sealed liquid
Silicone oil
Pressure port
R1/8, M5
(SUS304)
Net weight
R1
:Approx.22, M5:Approx.19
Operating voltage
5±0.5
Current consumption
3
Output voltage
 ※
0.5 ~ 4.5
Output limit
16.5mV ~ 95% Vopr
Zero voltage
 ※
0.5±0.04
2.5±0.04
0.5±0.1
Span voltage
 ※
4.0±0.04
4.0±0.1
Output current
1(Load resistance 5k
minimum
)
Linearity / Hysteresis
±0.5
Thermal error
(Reference temp.25°C)
Zero
±0.05
±0.06
Span
±0.05
±0.06
Response time
Approx.2
Gravitational
(From horizontal position to vertical position)
±0.3
±0.05
±0.3
±0.3
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Permissible change
Analog output (Vzero, Vspan)
± 1 %F.S. maximum each after test
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Shock
Pressure cycling
Moisture resistance
※Output voltage is proportional to the operating voltage.(ratiometric output) The resolving power of the analog output is 11 Bits (about 0.002V/0.05%F.S).
°C
°C
%RH
°C
M
minimum
mA
Maximum
mA
Maximum
g
V DC
V
V
V
ms
%F.S./°C
%F.S./°C
%F.S.
%F.S.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com