Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-708 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-708
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-708 Datasheet(HTML) 2 Page - Copal Electronics

  PA-708 Datasheet HTML 1Page - Copal Electronics PA-708 Datasheet HTML 2Page - Copal Electronics PA-708 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
WARRANTY
PART NUMBER DESIGNATION
SPECIFICATIONS
This product is covered by a warranty for a period of one year from the date of delivery. This warranty covers free-of-charge repair and
replacement for defects occurring through design or manufacturing inadequacy of NIDEC COPAL ELECTRONICS CORP. Even during the
warranty period, the following failures will be handled on a fee basis.
①Failures or damages occurring through misuse or disoperation performed not following the instruction manual.
②Failures or damages occurring through improper modification, adjustment,or repair.
③Failures or damages occurring through natural calamities, fires or other inevitable accidents.
④Failures or damages occurring through permeation of corrosive gases.
WIRING
・When wiring or changing wire, please turn off the power. Care must be taken when checking operations by connecting wires with clips.
・Please make sure of appropriate wiring before turning on the power.
・The wires should be connected as shown in the below.
PA ̶708 ̶ 602R ̶ 10 ̶ PB
Pressure range
102R:-100 to 100kPa
302R:-100 to 300kPa
602R:-100 to 600kPa
Thermal error
10:±0.1%FS/℃
Material of pressure port
PB:PFA
102R
302R
602R
Rated pressure range
maximum pressure
Break-down pressure
Medium
Diameter of pressure port
Thickness of diaphragm
Dielectric strength
Pressure medium temp.range
Operating temp.range
Storage temp.range
Operating humidity range
Supply voltage
Load resistance
Linearity
Thermal error
Izero
Ispan
Model
Corrosive gases/liquids compatible with Fluorocarbon resin(PFA)
O.D.φ1/2in I.D.φ3/8in
4±0.2mA
16±0.2mA
500VAC,1min.(Leakage current 1mA max.)
10 to 80℃
10 to 50℃
-20 to 80℃(Atmospheric pressure,humidity 65%RH max.)
35 to 85%RH(No condensation)
24VDC±10%(with ripple content)
500Ωmax.
±0.1%F.S./℃(10 to 80℃ reference temp. at 25℃)
(0.5mm)
(0.8mm)
±1.0%F.S.
±1.5%F.S.
−100 to 600kPa
1200kPa
1800kPa
−100 to 300kPa
600kPa
1200kPa
−100 to 100kPa
200kPa
400kPa
Wire color
Red
Black
White
Green
Shield
Connection
Power(+)
N.C.
Analog output
N.C.
…………
Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com