Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-708 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-708
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-708 Datasheet(HTML) 3 Page - Copal Electronics

  PA-708 Datasheet HTML 1Page - Copal Electronics PA-708 Datasheet HTML 2Page - Copal Electronics PA-708 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
OUTLINE DIMENSIONS(Unit:mm)
OUTPUT ELECTRICAL DIAGRAM
(98)
50
6
46.5
5
ADJUST
UL 2844 80℃/30V AWG#26
(P.P.)
Label#2
Housing
VR Cap
Label#1
(Fluoro-rubber)
(Part Number)
Shielded Cable(φ3.8×2000±100mm)
Pressure Port O.D.12.70(1/2in),I.D.9.53(3/8in)
Material of Pressure Port(PFA)
Power +(Red)
Output(White)
N.C.(Green)
Main
circuit
Pressure
Sensor
N.C.(Black)
24VDC
RL RL:250Ω
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com