Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST92185B
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST92185B Datasheet HTML 16Page - STMicroelectronics ST92185B Datasheet HTML 17Page - STMicroelectronics ST92185B Datasheet HTML 18Page - STMicroelectronics ST92185B Datasheet HTML 19Page - STMicroelectronics ST92185B Datasheet HTML 20Page - STMicroelectronics ST92185B Datasheet HTML 21Page - STMicroelectronics ST92185B Datasheet HTML 22Page - STMicroelectronics ST92185B Datasheet HTML 23Page - STMicroelectronics ST92185B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
20/178
ST92185B - GENERAL DESCRIPTION
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
00
66
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
00
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
11
STIM
R240
STH
Counter High Byte Register
FF
83
R241
STL
Counter Low Byte Register
FF
83
R242
STP
Standard Timer Prescaler Register
FF
83
R243
STC
Standard Timer Control Register
14
83
21
MMU
R240
DPR0
Data Page Register 0
xx
38
R241
DPR1
Data Page Register 1
xx
38
R242
DPR2
Data Page Register 2
xx
38
R243
DPR3
Data Page Register 3
xx
38
R244
CSR
Code Segment Register
00
39
R248
ISR
Interrupt Segment Register
xx
39
R249
DMASR
DMA Segment Register
xx
39
Ext.Mem.
R246
EMR2
External Memory Register 2
0F
56
32
OSD
R240
HBLANKR
Horizontal Blank Register
03
121
R241
HPOSR
Horizontal Position Register
03
121
R242
VPOSR
Vertical Position Register
00
121
R243
FSCCR
Full Screen Color Control Register
00
122
R244
HSCR
Header & Status Control Register
2A
123
R245
NCSR
National Character Set Control Register
00
124
R246
CHPOSR
Cursor Horizontal Position Register
00
125
R247
CVPOSR
Cursor Vertical Position Register
00
125
R248
SCLR
Scrolling Control Low Register
00
126
R249
SCHR
Scrolling Control High Register
00
127
R250
DCM0R
Display Control Mode 0 Register
00
129
R251
DCM1R
Display Control Mode 1 Register
00
130
R252
TDPR
TDSRAM Pointer Register
00
130
R253
DE0R
Display Enable 0 Control Register
FF
131
R254
DE1R
Display Enable 1 Control Register
FF
131
R255
DE2R
Display Enable 2 Control Register
xF
131
33
R240
DCR
Default Color Register
70
132
R241
CAPVR
Cursor Absolute Vertical Position Register
00
132
R246
TDPPR
TDSRAM Page Pointer Register
x0
132
R247
TDHSPR
TDSRAM Header/Status Pointer Register
x0
132
35
SYNC
R242
SCCS0R
Sync Controller Control and Status Register 0
00
140
R243
SCCS1R
Sync Controller Control and Status Register 1
00
141
38
TDSRAM
R252
CONFIG
TDSRAM Interface Configuration Register
02
87
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com