Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-830-101G-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-830-101G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-830-101G-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-830-101G-R2 Datasheet HTML 1Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 2Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 3Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ripple content
Consumption current
10 % (P-P)
20
maximum
mA
maximum
Supply voltage
12 ~ 24
± 10 %
V DC
:Not available
※Verify the above model numbers when placing orders.
Pressure reference
Gauge
Absolute
0 ~ 9.8
0 ~ 49.0
0 ~ 98.1
0 ~ 343
0 ~ 981
0 ~
− 98.1
0 ~ 34.3
0 ~ 98.1
{0 ~ 0.1}
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 3.5}
{0 ~ 10}
{0 ~
− 1}
{0 ~ 0.35}
{0 ~ 1}
kPa {kgf/cm2}
Rated pressure range
{% F.S./°C}
Thermal error
Output
Voltage
output
± 0.05
Fitting:
G 1/8
Fitting:
R 1/4
Fitting:
VCR
Fitting:
G 1/8
± 0.10
■ LIST OF MODEL NUMBERS
PA-830
-501G-05
PA-830
-101G-10
PA-830
-501G-R2
PA-830
-102G-05
PA-830
-102G-R2
PA-830
-352G-05
PA-830
-352G-R2
PA-830
-103G-05
PA-830
-103G-R2
PA-830
-102V-05
PA-830
-102V-R2
PA-830
-351A-05
PA-830
-351A-R2
PA-830
-351A-VCR
PA-830
-102A-05
PA-830
-102A-R2
PA-830
-102A-VCR
PA-830
-102V-VCR
PA-830
-103G-VCR
PA-830
-352G-VCR
PA-830
-102G-VCR
PA-830
-501G-VCR
PA-830
-351A-10
PA-830
-102A-10
PA-830
-102V-10
PA-830
-103G-10
PA-830
-352G-10
PA-830
-102G-10
PA-830
-501G-10
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Dielectric strength
Sealed liquid
Pressure port
Net weight
Model number
PA-830
101G
501G
102G
352G
103G
102V
351A
102A
Gauge
Absolute
9.8
49.0
98.1
343
981
− 98.1
34.3 (abs)
98.1 (abs)
{0.1}
{0.5}
{1}
{3.5}
{10}
{
−1}
{0.35}
{1}
19.6
98.1
196
686
1961
196
103 (abs)
196 (abs)
{0.2}
{1}
{2}
{7}
{20}
{2}
{1.05}
{2}
29.4
147
294
1030
2942
294
147 (abs)
294 (abs)
{0.3}
{1.5}
{3}
{10.5}
{30}
{3}
{1.5}
{3}
Corrosive gases/liquids compatible with SUS 316L
Approx. 140
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
Silicone oil
G 1/8 (PF 1/8)、R 1/4 (PT 1/4)、1/4 VCR®
 ※2
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 70
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
M
Ω
minimum
g
※1 PA-830-VCR : Also compatible with SUS316.
※2 An “O” ring is provided for only G1/8 type. (Positive pressure : P15, Negative/Absolute Pressure : P12.5)
※1
● Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.
PA-830
PRESSURE TRANSDUCERS WITH AMP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com