Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-830-101G-R2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-830-101G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-830-101G-R2 Datasheet(HTML) 4 Page - Copal Electronics

  PA-830-101G-R2 Datasheet HTML 1Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 2Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 3Page - Copal Electronics PA-830-101G-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22
Pressure port
M 5 depth 6
Housing (Aluminum with alumite finish)
SN plate label
Part No. label
G 1/8 (PF 1/8)
(SUS 316L)
12
8
22.5
551
(10)
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
( 3.8)
φ
Cable bush (ESS-1)
“O” ring groove depth 1.8
PA-830
PRESSURE TRANSDUCERS WITH AMP.
O G1/8 type
OR1/4 type
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
22
Pressure port
M 5 depth 6
13.5
8
23.5
561
(10)
(SUS 316L)
R 1/4 (PT 1/4)
Cable bush (ESS-1)
SN plate label
Part No. label
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
Housing (Aluminum with alumite finish)
( 3.8)
φ
Wire color
Red
White
Green
Black
Shield
Connection
Power
B
Output
N.C.
Common
Fitting
PA-830
O VCR type
19
1/4 VCR
(SUS 316)
(16)
8.5
(26.5)
591
(10)
Cable bush (ESS-1)
SN plate label
Part No. label
Housing (Aluminum with alumite finish)
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
( 3.8)
φ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com