Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 85Page - STMicroelectronics ST92185B2T1 Datasheet HTML 86Page - STMicroelectronics ST92185B2T1 Datasheet HTML 87Page - STMicroelectronics ST92185B2T1 Datasheet HTML 88Page - STMicroelectronics ST92185B2T1 Datasheet HTML 89Page - STMicroelectronics ST92185B2T1 Datasheet HTML 90Page - STMicroelectronics ST92185B2T1 Datasheet HTML 91Page - STMicroelectronics ST92185B2T1 Datasheet HTML 92Page - STMicroelectronics ST92185B2T1 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 178 page
background image
89/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
s
Serial character attributes:
– Foreground Color (8 possibilities in Serial Full
page display mode)
– Background Color (8 possibilities)
– Flash / Steady
– Start Box / End Box
– Double height
– Conceal / display
–Fringe
– Contiguous Mosaic / Separated Mosaic
– Hold / Release Mosaic
– G0 font switch (in triple G0 mode)
s
Parallel character attributes (in parallel display
mode):
– Underline
– Double height & Double width
– Upper Half-Character
– Smooth Rounding
– Box mode
– Font Selection G0/Extended menu
– Selection of 15 background Colors
– Selection of 8 foreground Colors
s
Global Screen attributes:
– Fine and coarse Horizontal Adjustment (for
the whole 26 rows)
– Vertical Adjustment (for the whole page)
– Blanking Adjustment
– Default Background Color (up 15 colors with
use of half-intensity attribute)
– Default Foreground Color (up 15 colors with
use of half-intensity attribute)
– Semi transparent display (active only on back-
ground)
– Translucency: OSD background color mixed
with video picture.
– Full screen Color (15)
– National Character set selection
– National Character mode selection
– Global Double Height display (Zooming Func-
tion)
– Global Fringe Enable
– Global Rounding Enable
s
Cursor Control:
– Horizontal position (by character)
– Vertical position (by row)
– Flash, Steady or Underline Cursor Modes
– Color Cursor with inverted foreground / invert-
ed background
s
Scrolling Control:
– Vertical scrolling available:
Programmable rolling window if Normal
Height and 40 char/row
– Top-Down or Bottom-Up shift
– Freeze Display
s
Character fonts:
576 different characters available:
– 128 mosaic matrix characters (G1), hardware
defined (64 contiguous, 64 separated).
– 512 character ROM fonts, all user defined:
– 96-character basic character set (G0)
– 128 characters shared between G2 X/26 and
Menu characters
– 96 Extended Menu Characters
– Two national character set modes (mutually
exclusive ROM options):
Single G0 mode
A font combining 83 characters from
the G0 basic set (latin) and 13 charac-
ters selected from 15 National charac-
ter subsets
Triple G0 mode allowing different alpha-
bets
Three 96-character fonts (e.g. latin,
arabic, cyrillic ...)
Mode
G0
National
Set
G2 (X26+
Menu)
Extended
Menu
G1
(mosaic)
Triple G0
3*96
N/A
128
96
64
Single G0
1*83
15*13
128
96
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com