Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 54Page - STMicroelectronics ST92185B2T1 Datasheet HTML 55Page - STMicroelectronics ST92185B2T1 Datasheet HTML 56Page - STMicroelectronics ST92185B2T1 Datasheet HTML 57Page - STMicroelectronics ST92185B2T1 Datasheet HTML 58Page - STMicroelectronics ST92185B2T1 Datasheet HTML 59Page - STMicroelectronics ST92185B2T1 Datasheet HTML 60Page - STMicroelectronics ST92185B2T1 Datasheet HTML 61Page - STMicroelectronics ST92185B2T1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 178 page
background image
58/178
ST92185B - RESET AND CLOCK CONTROL UNIT (RCCU)
4.3 OSCILLATOR CHARACTERISTICS
The on-chip oscillator circuit uses an inverting gate
circuit with tri-state output.
Notes:
Owing to the Q factor required, Ceramic
Resonators may not provide a reliable oscillator
source.
The oscillator can not support quartz crystal or ce-
ramic working at the third harmonic without exter-
nal tank circuits.
OSCOUT must not be used to drive external cir-
cuits.
Halt mode is set by means of the HALT instruction.
In this mode the parallel resistor, R, is disconnect-
ed and the oscillator is disabled. This forces the in-
ternal clock to a high level and OSCOUT to a high
impedance state.
To exit the HALT condition and restart the oscilla-
tor, an external RESET pulse is required.
It should be noted that, if the Watchdog function is
enabled, a HALT instruction will not disable the os-
cillator. This to avoid stopping the Watchdog if a
HALT
code is executed in error. When this occurs,
the CPU will be reset when the Watchdog times
out or when an external reset is applied.
When an HALT instruction is executed, the main
crystal oscillator is stoped and any spurious clock
are ignored. Other analog systems such as the on-
chip line PLL or the whole Video chain (Sync Ex-
traction) must be stopped separately by the soft-
ware as they will induce static consumption.
Table 8. Oscillator Transconductance
Figure 30. Crystal Oscillator
Note: Depending on the application it may be bet-
ter not to implement CL1
Figure 31. Internal Oscillator Schematic
Figure 32. External Clock
n
gm
Min
Typ
Max
mA/V
0.77
1.5
2.4
OSCIN
OSCOUT
CL1
CL2
ST9
CRYSTAL CLOCK
VR02116A
VR02086A
HALT
OSCIN
OSCOUT
RIN
ROUT
R
OSCIN
OSCOUT
CLOCK
INPUT
NC
EXTERNAL CLOCK
VR02116B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com