Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 113Page - STMicroelectronics ST92185B2T1 Datasheet HTML 114Page - STMicroelectronics ST92185B2T1 Datasheet HTML 115Page - STMicroelectronics ST92185B2T1 Datasheet HTML 116Page - STMicroelectronics ST92185B2T1 Datasheet HTML 117Page - STMicroelectronics ST92185B2T1 Datasheet HTML 118Page - STMicroelectronics ST92185B2T1 Datasheet HTML 119Page - STMicroelectronics ST92185B2T1 Datasheet HTML 120Page - STMicroelectronics ST92185B2T1 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 178 page
background image
117/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.7 Font Mapping
G0 is the basic character font.
G1 is the mosaic font. It is not stored in ROM but is
implemented in hardware. In serial mode it is ad-
dressed by a serial attribute (See Figure 3). In par-
allel mode it is accessed by bit 0 (CSS) of the par-
allel shape attribute and bit 1 (US) for separated
mosaic (See Figure 4).
G2 is a font of X/26 based + Menu shared charac-
ters.
An Extended Menu character font available in par-
allel mode. It is accessed via bit 0 (CSS) in the par-
allel shape attribute (Character Set Selection).
The Extended Menu font is not accessible in serial
mode.
7.4.8 Font Mapping Modes
There are two font mapping modes selected
by the NCM bit in the NCSR register R245 (F5h)
Page 32:
Single G0 mode
A set combining 83 characters from
the G0 basic set plus 13 characters
selected from 15 National character
subsets. The National character sub-
sets are selected by four bits (NC3:0)
in the NCSR register R245 (F5h)
Page 32.
Triple G0 mode
Three 96-character character sets
(G0-0, G0-1 and G0-2) for multi al-
phabet applications. Character set
selection is done by four bits (NC1:0
or NC3:2) in the NCSR register R245
(F5h) Page 32.
– In Serial Mode (Level 1), only 256 Character
Codes are available using an 8-bit code. The
character codes plus some serial attributes and
some additional programmable options address
566 chars: 256 + 182 NS chars + 128 mosaics in
single G0 mode.
– In Parallel Mode (Enhanced Level 1), 512 Char-
acter Codes are available using a 9-bit code. The
character codes plus some serial and parallel at-
tributes, and some additional programmable op-
tions address 662 chars: 256 + 182 NS chars +
128 mosaic + 96 extended chars. in single G0
mode.
Display ROM Font Entry:
The user must define his own fonts for:
– 278 characters: - 15 x 13 G0 National Character
subsets + 83 G0 Character set
or
– 288 characters: 3 x 96-character character sets
– 128 G2 based X/26 and Menu characters
– 96 Extended Menu characters
Table 21. Triple G0 Mode - Font Mapping
ROM
Address
Character
Code
CSS
Font Usage
000h to 01Fh 0E0h to 0FFh
1
Extended menu
020h to 07Fh 020h to 07Fh
0
(or serial
mode)
G0 set 0
080h to 0FFh 080h to 0FFh
G2 + Menu
100h to 15Fh 020h to 07Fh
G0 set 1
160h to 1BFh 020h to 07Fh
G0 set 2
1C0h to 1FFh 0A0h to 0DFh
1
Extended menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com